Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4-0653861-0 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 4-0653861-0
Description  DIE SET IPT-VW WIRE CRIMP 25 SQMM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-0653861-0 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  4-0653861-0 Datasheet HTML 1Page - TE Connectivity Ltd 4-0653861-0 Datasheet HTML 2Page - TE Connectivity Ltd 4-0653861-0 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POS
TE/PN
DESCRIPTION
QTY
S
W
S=Spear Parts
W=Wear Parts
1
DIE SET IPT-VW WIRE, 25SQ.MM
1
8-1579019-7
3
BAY IPT-VW
JOCH IPT-VW
1
0-0519579-7
4
LOCATOR IPT
AUFNAHME IPT
1
6-0519709-3
6
ZYLINDERSCHR. M4*55 DIN 912 -10.9 GAL NI
2
1-0519072-4
8
PASSCHR.
6 M5*30 UPS
-12.9
1
0-0519152-6
10
DRUCKFEDER
1
4-0653861-0
12
PASSCHB. 6*12*0,1
DIN 988 -ST
9
0-0519035-4
13
PASSCHB. 6*12*0,5
DIN 988 -ST
3
0-0519037-4
14
PASSCHB. 6* 12*1
DIN 988 -ST
2
0-0519115-4
16
LABEL
AUFKLEBER
1
0-0519610-2
R. GERMANN
09MAR12
07MAY13
REMARKS:
For Tubular Cable lug 8-25mm²-Sn Intercable-Art.-Nr. 380078.
In combination with.. (see sheet 1).
USED ON
PRINTED
DWN
CHK
APVD
WEIGHT
DIMENSION (mm)
MATERIAL
HT TR
-
-
-
-
-
-
P LTR REVISION RECORD
DATE
DWN APVD
-
B
SEE SHEET 1
-
-
-
-
C
SEE SHEET 1
-
-
-
-
C1
SEE SHEET 1
-
-
-
-
D
SEE SHEET 1
-
-
-
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS
CORPORATION. IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING
ORGANIZATION SHOULD BE CONTACTED FOR THE LATEST REVISION.
DIESES ZEICHNUNGSDOKUMENT WIRD DURCH TYCO ELECTRONICS
CORPORATION KONTROLLIERT. ÄNDERUNGEN DIE DEM TECHNISCHEN
FORTSCHRITT DIENEN, SIND VORBEHALTEN. DEN JEWEILS LETZTGÜLTIGEN
ÄNDERUNGSSTAND ERFAHREN SIE AUF ANFRAGE
2 / 2
DIE SET IPT-VW WIRE CRIMP 25 SQMM
C-528041-3
SPARE AND WEAR PARTS LIST
D
tyco Electronics AMP GmbH
D-64625 Bensheim
NAME
SCALE
SIZE
A4
DRAWING NO
SHEET
REV
TOLERANCES
UNLESS
OTHERWISE
SPECIFIED
SEE SHEET 1
SEE SHEET 1
RESTRICTED TO
3


Similar Part No. - 4-0653861-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
4-0 TEC-4-0 Datasheet
235Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
4-0 TEC-4-0 Datasheet
189Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Altech corporation
4-001-Q-10 ALTECH-4-001-Q-10 Datasheet
226Kb / 1P
   22 mm Thermoplastic Enclosure White/Black Operator Capacity 1
4-001-R-10 ALTECH-4-001-R-10 Datasheet
200Kb / 1P
   22 mm Thermoplastic Enclosures 4-001-R-10 Operator Capacity 2 Yellow/Black
logo
Aries Electronics, Inc.
4-002-152FBP ARIES-4-002-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
More results

Similar Description - 4-0653861-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-1-528041-5 TEC-C-1-528041-5 Datasheet
140Kb / 3P
   DIE SET SHIELD CRIMP)HVP800 90DEG. 25 SQMM
C-2286951 TEC-C-2286951 Datasheet
1Mb / 1P
   3 POS. HVP800, 90, 25 SQMM, CABLE ASSY
C-2286947 TEC-C-2286947 Datasheet
1Mb / 1P
   2 POS. HVP800, 90, 25 SQMM, CABLE ASSY
C-2286935 TEC-C-2286935 Datasheet
1Mb / 2P
   3 POS. HVP800, 180, 25 SQMM CABLE ASSY
logo
List of Unclassifed Man...
Y211 ETC-Y211 Datasheet
26Kb / 1P
   DIE SET ENVELOPE DRAWING
Y15757-ENV ETC-Y15757-ENV Datasheet
27Kb / 1P
   DIE SET ENVELOPE DRAWING
logo
PHOENIX CONTACT
1212299 PHOENIX-1212299 Datasheet
47Kb / 2P
   Replacement die - CRIMPFOX-RC 25/DIE
logo
Tyco Electronics
3-1579001-5 MACOM-3-1579001-5 Datasheet
50Kb / 1P
   ERGOCRIMP-DIE SET ERGOCRIMP MATRIZE
logo
Molex Electronics Ltd.
69008-1185 MOLEX11-69008-1185 Datasheet
31Kb / 1P
   Die Set for Telecom Plug, Type C Crimp with Diameter 6.0 Cable
0690081185 MOLEX11-0690081185 Datasheet
31Kb / 1P
   Die Set for Telecom Plug, Type C Crimp with Diameter 6.0 Cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com