Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4-0653861-0 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 4-0653861-0
Description  DIE SET IPT-VW WIRE CRIMP 25 SQMM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-0653861-0 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  4-0653861-0 Datasheet HTML 1Page - TE Connectivity Ltd 4-0653861-0 Datasheet HTML 2Page - TE Connectivity Ltd 4-0653861-0 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A3
DIMENSIONS:
0 PLC
1 PLC
2 PLC
3 PLC
4 PLC
ANGLES
D
D
C
B
A
C
B
A
4
3
2
1
OF
SCALE
SHEET
REV
NAME
SIZE
CAGE CODEDRAWING NO
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
DWN
CHK
APVD
MATERIAL
FINISH
REVISIONS
P
LTR
DATE
APVD
DWN
DESCRIPTION
LOC
DIST
ALL RIGHTS RESERVED.
RELEASED FOR PUBLICATION
C COPYRIGHT
THIS DRAWING IS UNPUBLISHED.
PRODUCT SPEC
APPLICATION SPEC
WEIGHT
1470-19 (3/11)
RESTRICTED TO
THIS DRAWING IS A CONTROLLED DOCUMENT.
TE Connectivity
C
Initial release
06JUN2012
RG
GS
D
ECR-13-007573
07MAY2013
BM
GS
2012
2012
Tyco Electronics AMP GmbH
AI
-
R. Germann
06JUN2012
06JUN2012
G. Stegmayer
-
mm
-
DIE SET IPT-VW WIRE CRIMP 25 SQMM
-
-
-
-
MATRIZE IPT-VW DRAHTCRIMP 25 qmm
-
-
-
1
-
-
-
-
00779
528041-3
-
CUSTOMER DRAWING
1:1
3
3
D
2
2.4
38.6
(38)
64
6
8
1x
4x
1x
5x
2x
1x
Anwendungsbereich / Application range
For Tubular Cable lug 8-25mm²-Sn
Intercable-Art.-Nr. 380078
Einsatz nur in / Only in combination with
P/N 528008-4
P/N 528008-3 und P/N 528008-5
HV-Crimpmaschine /
HV-Crimpmachine
mit AT66 DIE-SET ADAPTER, HV /
with AT66 DIE-SET ADAPTER, HV
P/N 541868-1
P/N 541868-2
1:1
4
3
6
1
16
6
3
6
4
10
4
3
13
14
12
14
13
12


Similar Part No. - 4-0653861-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
4-0 TEC-4-0 Datasheet
235Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
4-0 TEC-4-0 Datasheet
189Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Altech corporation
4-001-Q-10 ALTECH-4-001-Q-10 Datasheet
226Kb / 1P
   22 mm Thermoplastic Enclosure White/Black Operator Capacity 1
4-001-R-10 ALTECH-4-001-R-10 Datasheet
200Kb / 1P
   22 mm Thermoplastic Enclosures 4-001-R-10 Operator Capacity 2 Yellow/Black
logo
Aries Electronics, Inc.
4-002-152FBP ARIES-4-002-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
More results

Similar Description - 4-0653861-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-1-528041-5 TEC-C-1-528041-5 Datasheet
140Kb / 3P
   DIE SET SHIELD CRIMP)HVP800 90DEG. 25 SQMM
C-2286951 TEC-C-2286951 Datasheet
1Mb / 1P
   3 POS. HVP800, 90, 25 SQMM, CABLE ASSY
C-2286947 TEC-C-2286947 Datasheet
1Mb / 1P
   2 POS. HVP800, 90, 25 SQMM, CABLE ASSY
C-2286935 TEC-C-2286935 Datasheet
1Mb / 2P
   3 POS. HVP800, 180, 25 SQMM CABLE ASSY
logo
List of Unclassifed Man...
Y211 ETC-Y211 Datasheet
26Kb / 1P
   DIE SET ENVELOPE DRAWING
Y15757-ENV ETC-Y15757-ENV Datasheet
27Kb / 1P
   DIE SET ENVELOPE DRAWING
logo
PHOENIX CONTACT
1212299 PHOENIX-1212299 Datasheet
47Kb / 2P
   Replacement die - CRIMPFOX-RC 25/DIE
logo
Tyco Electronics
3-1579001-5 MACOM-3-1579001-5 Datasheet
50Kb / 1P
   ERGOCRIMP-DIE SET ERGOCRIMP MATRIZE
logo
Molex Electronics Ltd.
69008-1185 MOLEX11-69008-1185 Datasheet
31Kb / 1P
   Die Set for Telecom Plug, Type C Crimp with Diameter 6.0 Cable
0690081185 MOLEX11-0690081185 Datasheet
31Kb / 1P
   Die Set for Telecom Plug, Type C Crimp with Diameter 6.0 Cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com