Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F413RH Datasheet(PDF) 155 Page - STMicroelectronics

Part # STM32F413RH
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413RH Datasheet(HTML) 155 Page - STMicroelectronics

Back Button STM32F413RH Datasheet HTML 151Page - STMicroelectronics STM32F413RH Datasheet HTML 152Page - STMicroelectronics STM32F413RH Datasheet HTML 153Page - STMicroelectronics STM32F413RH Datasheet HTML 154Page - STMicroelectronics STM32F413RH Datasheet HTML 155Page - STMicroelectronics STM32F413RH Datasheet HTML 156Page - STMicroelectronics STM32F413RH Datasheet HTML 157Page - STMicroelectronics STM32F413RH Datasheet HTML 158Page - STMicroelectronics STM32F413RH Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 207 page
background image
DocID029162 Rev 2
155/207
STM32F413xG/H
Electrical characteristics
174
6.3.25
DFSDM characteristics
Unless otherwise specified, the parameters given in Table 86 for DFSDM are derived from
tests performed under the ambient temperature, fAPB2 frequency and VDD supply voltage
conditions summarized in Table 16: General operating conditions.
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 * VDD
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate
function characteristics (DFSDM_CKINy, DFSDM_DATINy, DFSDM_CKOUT for DFSDM).
Table 86. DFSDM characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fDFSDMCLK DFSDM clock
1.71 < VDD < 3.6 V
-
-
fSYSCLK
MHz
fCKIN
(1/TCKIN)
Input clock
frequency
SPI mode
(SITP[1:0] = 0,1),
External clock mode
(SPICKSEL[1:0] = 0,
1.71 < VDD < 3.6 V
--
20
(fDFBDMCLK / 4
SPI mode
(SITP[1:0] = 0,1),
External clock mode
(SPICKSEL[1:0] = 0,
2.7 < VDD < 3.6 V
--
20
(fDFBDMCLK / 4
SPI mode
(SITP[1:0] = 0,1),
Internal clock mode
(SPICKSEL[1:0] ≠ 0,
1.71 < VDD < 3.6 V
--
20
(fDFBDMCLK / 4
SPI mode (SITP[1:0] = 0,1),
Internal clock mode
(SPICKSEL[1:0] ≠ 0,
2.7 < VDD < 3.6 V
--
20
(fDFBDMCLK / 4
fCKOUT
Output clock
frequency
1.71 < VDD < 3.6 V
-
-
20
DuCyCKOUT
Output clock
frequency duty
cycle
1.71 < VDD < 3.6 V
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com