Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N-1-19 Datasheet(PDF) 1 Page - Richco, Inc.

Part # N-1-19
Description  CABLE CLAMP, N SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHCO [Richco, Inc.]
Direct Link  http://www.richco-inc.com
Logo RICHCO - Richco, Inc.

N-1-19 Datasheet(HTML) 1 Page - Richco, Inc.

  N-1-19 Datasheet HTML 1Page - Richco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
C
PRINT
TYPE
-
------
-
SEE ENGINEERING FOR REV A-F
G
04/03/2008
SK
SEE CO 200152 FOR CHANGES
TOLERANCES
UNLESS NOTED
.XX=±.010
.XXX=±.005
FRAC.=±1/64
ANG.=±1°
H
01/12/2010
DZ
SEE CO 200485 FOR CHANGES
I
04/06/10
SK
SEE CO 200516 FOR CHANGES
"E"
7/32 5.6
ENGR.
DATE
REV.
PART #
CHKD:
APP:
DWN:
DT:
SHEET SIZE:
SHEET:
FILE #:
1 OF 1
A
04/01/2008
S.J.
S.K.
N-SERIES
FINAL
DWG IN
IN [MM]
RICHCO, INC.
R.G.
ENG@RICHCO-INC.COM
RE:
DESCRIPTION
RICHCO, INC.
(773) 539-4060
SOLIDWORKS
TITLE:
CABLE CLAMP, N SERIES
CREATED USING
SEE TABLE
11/64 [4.4] DIA.
(1/8 [3.2] FOR N1 ONLY)
SOME PARTS MAY HAVE
SLIGHT CHAMFER ON HOLE
3/8" 9.5
NOTES:
1. MATERIAL:
NYLON 6/6 UL 94 V-2 (RMS-01).
*NYLON 6/6 UL 94 V-0 (RMS-19) AVAILABLE BY SPECIAL ORDER ONLY.
*NYLON 6/6 UL 94 V-2, UV STABILIZED (RMS-46), COLOR BLACK, AVAILABLE BY SPECIAL ORDER ONLY.
2. RECOMMENDED SCREW SIZE IS #8 [M4], (#4 [M2.5] FOR N-1).
3. ALTERNATE UNITS ARE FOR REFERENCE ONLY
SHOWN AS MOLDED
PART NO.
"D"
HOLDING
DIAMETER
"E" REF.
NYLON 6/6
UL 94 V-2
NATURAL
NYLON 6/6
UL 94 V-2
BLACK
*NYLON 6/6
UL 94 V-0
BLACK
*NYLON 6/6
UL 94 V-0
NATURAL
*UV STABILIZED
NYLON 6/6
UL 94 V-2
BLACK
N-1
N-1-BK
N-1-19-BK
N-1-19
N-1-UVB
1/16 [1.6]
.27 [6.7]
N-2
N-2-BK
N-2-19-BK
N-2-19
N-2-UVB
1/8 [3.2]
21/64 [8.3]
N-3
N-3-BK
N-3-19-BK
N-3-19
N-3-UVB
3/16 [4.8]
25/64 [9.9]
N-4
N-4-BK
N-4-19-BK
N-4-19
N-4-UVB
1/4 [6.4]
27/64 [10.7]
N-5
N-5-BK
N-5-19-BK
N-5-19
N-5-UVB
5/16 [7.9]
29/64 [11.5]
N-6
N-6-BK
N-6-19-BK
N-6-19
N-6-UVB
3/8 [9.5]
31/64 [12.3]
N-7
N-7-BK
N-7-19-BK
N-7-19
N-7-UVB
7/16 [11.1] 17/32 [13.5]
N-8
N-8-BK
N-8-19-BK
N-8-19
N-8-UVB
1/2 [12.7]
9/16 [14.3]
"D"
1/16" 1.5


Similar Part No. - N-1-19

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
N-1 PREMO-N-1 Datasheet
270Kb / 2P
   Inverter Output Ferrites
logo
TRIAD MAGNETICS
N-1000MG TRIAD-N-1000MG Datasheet
119Kb / 1P
   CHASSIS MOUNT : Autotransformer
logo
Richco, Inc.
N-10B RICHCO-N-10B Datasheet
93Kb / 1P
   CABLE CLAMPS, NB SERIES
N-10B RICHCO-N-10B Datasheet
94Kb / 1P
   CABLE CLAMPS, NB SERIES
N-10B-19 RICHCO-N-10B-19 Datasheet
94Kb / 1P
   CABLE CLAMPS, NB SERIES
More results

Similar Description - N-1-19

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
IT3057-16AF2 GLENAIR-IT3057-16AF2 Datasheet
249Kb / 1P
   Cable Clamp
logo
Rosenberger Hochfrequen...
SLCC221-PF20 ROSENBERGER-SLCC221-PF20 Datasheet
106Kb / 2P
   Cable Clamp
SLCC111-C05 ROSENBERGER-SLCC111-C05 Datasheet
238Kb / 2P
   Cable Clamp
SLCC112-C03 ROSENBERGER-SLCC112-C03 Datasheet
74Kb / 2P
   Cable Clamp
SLCC112-2029 ROSENBERGER-SLCC112-2029 Datasheet
177Kb / 1P
   Cable Clamp
SLCC221-PF14 ROSENBERGER-SLCC221-PF14 Datasheet
82Kb / 2P
   Cable Clamp
SLCC112-0711 ROSENBERGER-SLCC112-0711 Datasheet
179Kb / 1P
   Cable Clamp
SLCC221-C03 ROSENBERGER-SLCC221-C03 Datasheet
245Kb / 2P
   Cable Clamp
SLCC221-C09 ROSENBERGER-SLCC221-C09 Datasheet
79Kb / 2P
   Cable Clamp
logo
CONEC Elektronische Bau...
160X11189X CONEC-160X11189X Datasheet
45Kb / 1P
   CABLE CLAMP SET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com