Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1--21002--7 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 1--21002--7
Description  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1--21002--7 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  1--21002--7 Datasheet HTML 1Page - TE Connectivity Ltd 1--21002--7 Datasheet HTML 2Page - TE Connectivity Ltd 1--21002--7 Datasheet HTML 3Page - TE Connectivity Ltd 1--21002--7 Datasheet HTML 4Page - TE Connectivity Ltd 1--21002--7 Datasheet HTML 5Page - TE Connectivity Ltd 1--21002--7 Datasheet HTML 6Page - TE Connectivity Ltd 1--21002--7 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
408- 9359
Rev C
2
of 7
2. DESCRIPTION
The terminating head is designed for use in Manual
Handle Assembly 58074--1 (408--6790), Pneumatic
Handle Assembly 58075--1 (408--6789), Pneumatic
Power Bench Assembly 58338--1 (408--9393), and
the Electric Bench Machine 931800--1 (409--5746).
Note that the pneumatic handle assembly is designed
to operate at air pressure between 276--483 kPa
[40--70 psi].
The head, when installed in either handle assembly,
terminates wires in the single--row AMPMODU MTE
contact housing assemblies listed in Figure 1. Refer
to Instruction Sheet 408--6919 for a complete
description of the AMPMODU MTE Connectors. Note
that even though the head terminates both strip--form
and individual housing assemblies, it does not
terminate individual housing assemblies of less than
six positions.
Wires are terminated using the Insulation
Displacement Technique, which inserts unstripped
wire into a slotted contact beam to form a reliable
electrical connection between the wire and the
contact.
After the head is inserted into the tool handle
assembly, the head serves as a guide for the housing
assemblies during termination. Features of the head
and their functions are as follows:
Wire Inserter -- forces wire into two slotted beams
of the contact and provides support for the contact
beams when insertion force is applied to the wire.
Adjuster (Insertion Rod) -- is a piston for, and
regulates travel of, the wire inserter.
Feed Pawl -- advances contact carrier strip to the
terminating position.
Feed Arm -- driven by the retraction of the inserter,
the feed arm drives the feed pawl.
Contact Drag -- keeps the contact carrier strip in
the strip guide and prevents the connector from
moving out of position after the feed pawl
advances it.
Guide Strip -- aligns and supports the contact
carrier strip.
Feed Adjustment Screw -- regulates position of
contact relative to the wire inserter.
3. ADJUSTMENTS
3.1. Feed Adjustment
The insulation barrel supports on the contact must be
centered on the wire inserter when the contact is in
the terminating position. The feed adjustment screw
regulates the travel of the feed pawl which advances
the contact to the terminating position. Make this
adjustment as follows:
1. Obtain a housing assembly. Refer to the chart in
Figure 1.
2. Squeeze the tool trigger (pneumatic handle
assembly or cam handle (manual handle) and push
the housing assembly against the wire inserter.
3. Release the trigger or cam handle; the housing
assembly will be indexed to the first contact
position.
4. Squeeze the trigger or cam handle until the feed
pawl clicks; then release the trigger or handle. The
housing assembly should have advanced to the
next contact position.
5. Squeeze cam handle until the wire inserter is
partially extended but does not touch the insulation
barrel supports. If using a pneumatic handle
assembly, reduce air pressure to 0 kPa [0 psi],
squeeze the trigger, and increase air pressure until
the wire inserter is partially extended. Refer to
Figure 2.
Figure 2
Feed Pawl
Contact
Wire Inserter
Feed Adjustment Screw
6. To advance the contact, turn the feed
adjustment screw COUNTERCLOCKWISE. To
back up the contact, turn feed adjustment screw
CLOCKWISE while pulling back on the carrier
strip.
7. Repeat Steps 4 through 6 as necessary.


Similar Part No. - 1--21002--7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1--21002--6 MACOM-1--21002--6 Datasheet
112Kb / 5P
   Double Action Hand Tool
More results

Similar Description - 1--21002--7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10324 MACOM-408-10324 Datasheet
239Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-9935 MACOM-408-9935 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9039 MACOM-408-9039 Datasheet
103Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
411-3236 MACOM-411-3236 Datasheet
216Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-6561 TEC-408-6561 Datasheet
110Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-1216 TEC-408-1216 Datasheet
91Kb / 2P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-10110 TEC-408-10110 Datasheet
191Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-8377 MACOM-408-8377 Datasheet
249Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-8607 MACOM-408-8607 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9240 MACOM-408-9240 Datasheet
85Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com