Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4--306105--5 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 4--306105--5
Description  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4--306105--5 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  4--306105--5 Datasheet HTML 1Page - TE Connectivity Ltd 4--306105--5 Datasheet HTML 2Page - TE Connectivity Ltd 4--306105--5 Datasheet HTML 3Page - TE Connectivity Ltd 4--306105--5 Datasheet HTML 4Page - TE Connectivity Ltd 4--306105--5 Datasheet HTML 5Page - TE Connectivity Ltd 4--306105--5 Datasheet HTML 6Page - TE Connectivity Ltd 4--306105--5 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
408- 10051
Rev C
4
of 7
Step--Down
Adapter
Splices with Step--Down Adapter
WIRE SIZE
(AWG)
STEP
CRIMPING
DIE
DIE AND
SPLICE
COLOR CODE
STEP--DOWN
ADAPTER
COLOR CODE
8to16--14
1901006--1
Red
Blue
8to12--10
1901006--1
Red
Yellow
6to8
1901007--1
Blue
Red
Figure 5
3. Insert stripped wire into the wire barrel of the
end of the splice to be crimped until the wire
bottoms against the wire stop within the splice.
Refer toFigure2.
4. Pivot the latch arm away from the yoke to open
the head.
5. Place the splice in the stationary die. Grasp the
end of the splice to be crimped and point the
opposite end toward the top of the head yoke at
approximately a 30_ angle. Rotate the end of the
splice to be crimped into the die. Position the edge
of the window indent against the locator. Refer to
Figure 4.
6. Holding the splice in place, pivot the yoke and
latch arm toward each other until the locking flange
secures the latch arm to the yoke.
Always make sure the yoke and latching arm are
secured by the locking flange before cycling the
tool.
7. Holding the wire in place, active the tool to
complete the first wire barrel crimp.
8. When crimp is complete, pivot the latch arm
away from the yoke to open the head and remove
the splice.
If splice sticks in die after crimping, apply a
rocking action to the splice to remove it from the
die. Wipe light oil on dies to reduce sticking, or
use spray dry lubricant.
9. To crimp the other half of splice, reposition
uncrimped end of splice in the stationary die and
follow the same procedure used to crimp the first
half of splice.
10. Inspect the crimp according to Section 5.
4.4. Crimping PLASTI- GRIP Butt Splices
Avoid personal injury. When operating the tool,
exercise caution while holding butt splices or wire
near the crimping area.
1. Strip wires to the dimensions listed in Figure 2.
Do not nick or cut the wire strands.
2. Select the proper color--coded butt splice for the
wire size. The wire size stamped on the butt splice
and on the crimping die must match the wire size
selected.
3. Pivot the latch arm away from the yoke to open
the head. Remove the stationary die from the
yoke, then remove the locator from the stationary
die. Re--assemble the stationary die onto the yoke.
To avoid damage to the dies, be sure that the
stationary die is properly oriented with the
moving die.
4. Insert the stripped wire into the wire barrel of the
end of the butt splice to be crimped until the wire
bottoms against the wire stop within the splice.
5. Place the butt splice in the stationary die with
the wire barrel of the end of the splice to be
crimped centered over the crimping chamber. See
Figure 6.
6. Holding the butt splice in place, pivot the yoke
and latch arm toward each other until the locking
flange secures the latch arm to the yoke.
Always make sure the yoke and latching arm are
secured by the locking flange before cycling the
tool.
Figure 6
Wire Barrel in
Stationary Die
Centered Over
Crimping Chamber
Crimping Butt Splices
Locator Removed
from Stationary
Die
CAUTION
NOTE
DANGER
CAUTION
CAUTION


Similar Part No. - 4--306105--5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4--21028--4 MACOM-4--21028--4 Datasheet
129Kb / 4P
   Pneumatic CERTI-CRIMP Tool Holder
4--21028--9 MACOM-4--21028--9 Datasheet
129Kb / 4P
   Pneumatic CERTI-CRIMP Tool Holder
4--21028--9 MACOM-4--21028--9 Datasheet
139Kb / 4P
   Pneumatic CERTI-CRIMP Tool
4--22430--8 MACOM-4--22430--8 Datasheet
142Kb / 5P
   Feed- Through Head Assembly
logo
TE Connectivity Ltd
4--22487--0 TEC-4--22487--0 Datasheet
144Kb / 6P
   2 mm Common Termination Head Assembly
More results

Similar Description - 4--306105--5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10324 MACOM-408-10324 Datasheet
239Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-9935 MACOM-408-9935 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-9359 TEC-408-9359 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-9039 MACOM-408-9039 Datasheet
103Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
411-3236 MACOM-411-3236 Datasheet
216Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-6561 TEC-408-6561 Datasheet
110Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-1216 TEC-408-1216 Datasheet
91Kb / 2P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-10110 TEC-408-10110 Datasheet
191Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-8377 MACOM-408-8377 Datasheet
249Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-8607 MACOM-408-8607 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9240 MACOM-408-9240 Datasheet
85Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com