Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1--21000--9 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 1--21000--9
Description  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1--21000--9 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  1--21000--9 Datasheet HTML 1Page - TE Connectivity Ltd 1--21000--9 Datasheet HTML 2Page - TE Connectivity Ltd 1--21000--9 Datasheet HTML 3Page - TE Connectivity Ltd 1--21000--9 Datasheet HTML 4Page - TE Connectivity Ltd 1--21000--9 Datasheet HTML 5Page - TE Connectivity Ltd 1--21000--9 Datasheet HTML 6Page - TE Connectivity Ltd 1--21000--9 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
408- 10051
Rev C
2
of 7
5. Loosen the set screw in the ram.
6. Insert the shank of the moving die into the ram
and tighten the set screw.
To avoid damage to the dies, be sure that the
moving and stationary dies are properly oriented.
7. Activate the tool to allow the ram to return to the
“down” position.
8. Pivot the yoke and latch arm toward each other
until the locking flange secures the latch arm to the
yoke.
Always make sure the yoke and latching arm are
secured by the locking flange before cycling the
tool.
3.2. Die Removal
1. Pivot the latch arm away from the yoke to open
the head.
2. Loosen the set screw in the yoke and remove
the stationary die.
3. Extend the ram until the ram set screw is visible.
4. Loosen the set screw in the ram. Remove the
moving die.
4. CRIMPING PROCEDURE
4.1. Crimping Terminals
Avoid personal injury. When operating the tool,
exercise caution while holding terminals or wire
near the crimping area.
1. Strip wire to the dimensions listed in Figure 2.
Do not nick or cut the wire strands.
2. Select the proper color--coded terminal for the
wire size. The wire size stamped on the terminal
tongue and on the crimping die must match the
wire size selected.
3. Insert stripped wire fully into terminal wire barrel.
The end of the conductor must not protrude more
than 1.60 mm [.063 in.] beyond the edge of the
wire barrel.
Do NOT turn or twist the wire or terminal during
insertion.
4. Pivot the latch arm away from the yoke to open
the head.
5. Place the terminal in the stationary die with the
edge of the wire barrel resting against the locator
and the bottom of the terminal tongue facing the
stationary die. See Figure 3.
6. Holding the terminal in place, pivot the yoke and
latch arm toward each other until the locking flange
secures the latch arm to the yoke.
Always make sure the yoke and latching arm are
secured by the locking flange before cycling the
tool.
7. Holding the wire in place, activate the tool to
complete the crimp.
8. When the crimp is completed, pivot the latch
arm away from the yoke to open the head and
remove the terminal.
If terminal sticks in die after crimping, apply a
rocking action to the terminal to remove it from
the die. Wipe light oil on the dies to prevent
sticking, or use spray dry lubricant.
9. Inspect the crimp according to Section 5.
Typical Splice
(Without Step--Down Adapter)
Wire Stop
Typical Terminal
Window Indent
Wire Strip
Length
Wire Strip
Length
WIRE
WIRE STRIP LENGTH
WIRE
SIZE
TERMINYL TERMINAL AND SPLICE
PLASTI--GRIP TERMINAL
S
(AWG)
TERMINAL
SPLICE
PLASTI--GRIP TERMINAL
AND SPLICE
8
7.96--9.53 [.313--.375]
15.48--17.07 [.609--.672]
11.51--12.29 [.453--.484]
6
11.18--12.70 [.440--.500]
19.45--20.24 [.766--.797]
15.47--16.26 [.609--.640]
Figure 2
CAUTION
CAUTION
DANGER
NOTE
CAUTION
NOTE


Similar Part No. - 1--21000--9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1--21000--9 TEC-1--21000--9 Datasheet
115Kb / 4P
   Base Assembly Universal
More results

Similar Description - 1--21000--9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10324 MACOM-408-10324 Datasheet
239Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-9935 MACOM-408-9935 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-9359 TEC-408-9359 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-9039 MACOM-408-9039 Datasheet
103Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
411-3236 MACOM-411-3236 Datasheet
216Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-6561 TEC-408-6561 Datasheet
110Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-1216 TEC-408-1216 Datasheet
91Kb / 2P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-10110 TEC-408-10110 Datasheet
191Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-8377 MACOM-408-8377 Datasheet
249Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-8607 MACOM-408-8607 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9240 MACOM-408-9240 Datasheet
85Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com