Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1--305927--9 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1--305927--9
Description  Crimping Die Assemblies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1--305927--9 Datasheet(HTML) 1 Page - Tyco Electronics

  1--305927--9 Datasheet HTML 1Page - Tyco Electronics 1--305927--9 Datasheet HTML 2Page - Tyco Electronics 1--305927--9 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Instruction Sheet
Crimping Die Assemblies
408--9905
LOC B
1
of 3
E
2010 Tyco Electronics Corporation, Harrisburg, PA
All International Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other products, logos, and company names used are the property of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
08 JAN 10 Rev C
58492- 1 and 58493- 1
Figure 1
Stationary Die
(Crimper)
Contact
Support
Wire
Crimper
Locator/Insulation
Stop
Wire Size
Marking
Moving Die
(Anvil)
Die Holding Screw
Die Holding Screw
1. INTRODUCTION
Crimping Dies 58492--1 and 58493--1 are designed
for use in either Straight Action Adapter 217200--1
(408--4105) or Pneumatic C--Head Adapter 318161--1
(408--4190) installed in 626 Pneumatic Tooling or
Hand Crimping Tool 69710--1 (408--2095). The die
assembly, when installed in a tool, will crimp
AMPINNERGY* contacts listed in Figure 2 onto
stranded wire.
These instructions provide specific information
regarding the die assemblies and applicable contacts.
Refer to the instruction sheet (408--series) packaged
with the tool for information regarding die installation
and general performance of the tool.
Dimensions are in millimeters [with inch
equivalents in brackets]. Figures and illustrations
are for identification only and are not drawn to
scale.
Reasons for reissue of this instruction sheet are
provided in Section 6, REVISION SUMMARY.
2. DESCRIPTION
Each die assembly features a stationary die (crimper),
a movable die (anvil), a locator/insulation stop, and a
contact support. Refer to Figure 1.
The stationary die has chamfered corners and has
the wire size range (18--14 AWG) marked on it. The
moving die has square corners and has a specific
wire size marked on it: 18--16 AWG for Die Assembly
58493--1 and 14 AWG for Die Assembly 58492--1.
The locator/insulation stop has two functions: it
positions the contact in the crimping dies, and it aids
in locating the wire in the contact. In use, the
locator/insulation stop rests against the end of the
wire barrel. The contact support prevents the contact
from bending during the crimping operation.
When mated, the dies create a crimping chamber.
3. CRIMPING PROCEDURE
Install the dies according to the instructions packaged
with the tool. Refer to Figure 2 and select wire
(stranded only) of the specified size. Strip the wire to
the length indicated, taking care not to cut or nick the
wire strands.
Wire Strip Length
(See Table)
Note:
Not to Scale
Wire Barrel
AMPINNERGY
Contact
WIRE SIZE
(AWG)
STRIP
LENGTH
RANGE
CONTACT
PART
NUMBERS
CRIMPING
DIE
ASSEMBLY
18--16
6.98--7.87
556135--[ ],
58493--1
14
6.98--7.87
[.275--.310]
556135--[ ],
556883--[ ]
58492--1
Figure 2
Refer to Figure 3 and proceed as follows:
1. Looking straight into the front of the crimping
chamber, insert the contact (wire barrel first) into
the back of the locator/insulation stop. Position the
contact in the stationary die (crimper) so that the
contact butts against the locator/insulation stop.
2. Hold the contact in position and close the dies
just enough to hold the contact in place; do not
deform the wire barrel.
3. Insert a properly stripped wire through the wire
slot in the locator/insulation stop and into the wire
barrel of the contact until the insulation butts
against the locator/insulation stop.
4. Hold the wire in place, and actuate the tool
through a complete cycle.
NOTE
i


Similar Part No. - 1--305927--9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1--313111--0 MACOM-1--313111--0 Datasheet
103Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
1--313111--1 MACOM-1--313111--1 Datasheet
103Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
1--313111--2 MACOM-1--313111--2 Datasheet
103Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
More results

Similar Description - 1--305927--9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2822 TEC-408-2822 Datasheet
186Kb / 7P
   Crimping Die Assemblies
408-9278 TEC-408-9278 Datasheet
272Kb / 5P
   Crimping Die Assemblies
408-9279 TEC-408-9279 Datasheet
138Kb / 5P
   Crimping Die Assemblies
408-6877 TEC-408-6877 Datasheet
299Kb / 5P
   Crimping Die Assemblies
logo
Tyco Electronics
408-9177 MACOM-408-9177 Datasheet
142Kb / 5P
   Crimping Die Assemblies
logo
TE Connectivity Ltd
408-8704 TEC-408-8704 Datasheet
519Kb / 10P
   Crimping Die Assemblies
408-2786 TEC-408-2786 Datasheet
134Kb / 5P
   Crimping Die Assemblies
408-2281 TEC-408-2281 Datasheet
520Kb / 12P
   Crimping Die Assemblies
408-8703 TEC-408-8703 Datasheet
226Kb / 6P
   Crimping Die Assemblies
408-2710 TEC-408-2710 Datasheet
328Kb / 5P
   AMPOWER Crimping Die Assemblies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com