Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9--305927--1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 9--305927--1
Description  Reasons for reissue are provided in Section 8, REVISION SUMMARY.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9--305927--1 Datasheet(HTML) 3 Page - Tyco Electronics

  9--305927--1 Datasheet HTML 1Page - Tyco Electronics 9--305927--1 Datasheet HTML 2Page - Tyco Electronics 9--305927--1 Datasheet HTML 3Page - Tyco Electronics 9--305927--1 Datasheet HTML 4Page - Tyco Electronics 9--305927--1 Datasheet HTML 5Page - Tyco Electronics 9--305927--1 Datasheet HTML 6Page - Tyco Electronics 9--305927--1 Datasheet HTML 7Page - Tyco Electronics 9--305927--1 Datasheet HTML 8Page - Tyco Electronics 9--305927--1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
408- 10029
PIDG and PLASTI- GRIP Terminal and Splice Crimping Heads
3
of 9
Rev B
Tyco Electronics Corporation
1. Remove quick pins from the adapter assembly.
Refer toFigure1.
2. Insert crimping head into the adapter assembly.
3. After the crimping head is properly aligned,
insert the quick pins through the two holes in the
adapter and through the holes in the crimp head.
The quick pins will “snap” into position when they
are properly inserted.
3.3. Removal
To avoid personal injury, ALWAYS disconnect the
battery from the tool before removing crimping
head.
Remove the quick pins from the crimping head; then
remove the crimping head from the tool holder.
4. CRIMPING PROCEDURES
To avoid personal injury, ALWAYS keep fingers
clear of crimping jaws when operating the tool.
Never place anything within the crimping jaws
except Tyco Electronics terminals or splices.
4.1. Terminal Crimping Procedure
1. Strip wire to dimensions shown in Figure 2. DO
NOT nick wire strand or use wires with nicked or
missing conductor strands.
2. Center the terminal or splice wire barrel in the
appropriate crimp chamber. See Figure 3.
3. Depress the trigger to advance the moving ram.
This closes the crimp jaws in order to hold the
terminal in place. DO NOT deform the wire barrel.
4. Insert stripped wire into terminal until the end of
the conductor butts against the locator as shown in
Figure 3.
5. Activate the tool to complete the crimp. The
crimp tool automatically returns to the first position
of the cycle when the crimp is complete.
6. Refer to Section 5 and Figure 6 for crimp
inspection.
Figure 3
PIDG and PLASTI--GRIP Terminals
“C” “B”
“C” “B”
“C” “B”
PIDG
Terminal
PIDG
Nylon Insulation
Restricting
Terminal
PLASTI--GRIP
Terminal
“B” Equals Wire Barrel
“C” Equals Insulation Barrel
Terminal Tongue
Positioned Under
Locator
Locator
Locator
Wire Barrel Against Locator
4.2. Butt Splice Crimping Procedure
1. Strip wire to dimensions shown in Figure 2. DO
NOT nick wire strand or use wires with nicked or
missing conductor strands.
2. Position splice between crimping jaws so that
the window indent slides under the locator of crimp
head. See Figure 4A.
3. Depress the trigger to advance the moving ram.
This closes the crimp jaws to hold the terminal in
place. DO NOT deform the wire barrel.
4. Insert stripped wire into wire barrel of splice until
the end of the conductor is against the splice wire
stop. See Figure 4A.
5. Activate tool to complete the crimp.
6. To crimp the other half of the butt splice,
reposition it in the crimping jaws and repeat Steps
1 through 5. If the splice cannot be turned, rotate
crimping head. See Figure 4B.
NOTE
i
DANGER
DANGER


Similar Part No. - 9--305927--1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9--305927--1 MACOM-9--305927--1 Datasheet
205Kb / 6P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
More results

Similar Description - 9--305927--1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10033 MACOM-408-10033 Datasheet
205Kb / 6P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
408-10175 MACOM-408-10175 Datasheet
340Kb / 7P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-8848 TEC-408-8848 Datasheet
488Kb / 6P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-4090 MACOM-408-4090 Datasheet
163Kb / 3P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY
408-9243 MACOM-408-9243 Datasheet
183Kb / 4P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-4328 TEC-408-4328 Datasheet
106Kb / 4P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY.
408-8580 TEC-408-8580 Datasheet
262Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-10221 TEC-408-10221 Datasheet
262Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-10041 MACOM-408-10041 Datasheet
275Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-4074 TEC-408-4074 Datasheet
238Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com