Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3--21028--2 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 3--21028--2
Description  Feed- Through Head Assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3--21028--2 Datasheet(HTML) 4 Page - Tyco Electronics

  3--21028--2 Datasheet HTML 1Page - Tyco Electronics 3--21028--2 Datasheet HTML 2Page - Tyco Electronics 3--21028--2 Datasheet HTML 3Page - Tyco Electronics 3--21028--2 Datasheet HTML 4Page - Tyco Electronics 3--21028--2 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
408- 9607
Feed- Through Head Assembly 58443- 1
Rev C
4
of 5
Tyco Electronics Corporation
1. Remove dust, moisture, and other contaminants
with a clean brush, or soft, lint--free cloth. DO NOT
use objects that could damage the head.
2. Make sure all components are in place and
properly secured.
3. Actuate the tool to ensure mechanisms inside
the head move smoothly.
6.2. Quality Control Maintenance
Regular inspections should be performed by your
quality control personnel. A record of quality control
inspections should remain with the personnel
responsible for the head. One inspection a month is
recommended; however, operator skill, amount of
use, ambient working conditions, and your company’s
established standards are all factors in establishing
frequency of inspections.
1. Remove any accumulated film with a suitable
cleaning agent that will NOT affect plastic material.
2. Make sure all components are in place and are
properly secured.
3. Make a few test terminations, and inspect the
termination in accordance with Section 5.
4. Check for chipped, cracked, worn, or broken
areas. If damage is evident, repair is necessary.
See Section 7.
7. REPLACEMENT AND REPAIR
Customer--replaceable parts are listed in Figure 5.
A complete inventory should be stocked and
controlled to prevent lost time when replacement of
parts is necessary. Parts other than those listed
should be replaced by TE to ensure quality and
reliability. Order replacement parts
1
Figure 5 (Cont’d)
2
3
4
18
6
15
14
13
12
16
17
5
7
8
9
10
11
A
A
Section A--A


Similar Part No. - 3--21028--2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3--21028--2 TEC-3--21028--2 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
3--21028--2 TEC-3--21028--2 Datasheet
144Kb / 6P
   2 mm Common Termination Head Assembly
logo
Tyco Electronics
3--21028--2 MACOM-3--21028--2 Datasheet
161Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
3--21028--2 MACOM-3--21028--2 Datasheet
146Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
More results

Similar Description - 3--21028--2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
227-03910 GLENAIR-227-03910 Datasheet
427Kb / 2P
   Bulkhead Feed-Through
logo
Eaton All Rights Reserv...
C220X EATON-C220X Datasheet
423Kb / 2P
   Feed through connector
October 2022
logo
Harwin Plc
W2222-00 HARWIN-W2222-00 Datasheet
151Kb / 1P
   FEED THROUGH INSULATOR
logo
Weidmuller
1036180000 WEIDMULLER-1036180000 Datasheet
100Kb / 3P
   Modular feed-through terminals
0337100000 WEIDMULLER-0337100000 Datasheet
66Kb / 1P
   Modular feed-through terminals
1036100000 WEIDMULLER-1036100000 Datasheet
96Kb / 3P
   Modular feed-through terminals
logo
Tyco Electronics
408-4070 MACOM-408-4070 Datasheet
273Kb / 5P
   Pneumatic Head Assembly
logo
Cooper Bussmann, Inc.
C7021-02N-1 COOPER-C7021-02N-1 Datasheet
94Kb / 1P
   Power Feed Through Terminal Blocks
logo
PHOENIX CONTACT
3100305 PHOENIX-3100305 Datasheet
131Kb / 5P
   Feed-through modular terminal block
logo
Rosenberger Hochfrequen...
51Z101-006A ROSENBERGER-51Z101-006A Datasheet
40Kb / 2P
   BNC 50 CABLE FEED THROUGH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com