Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9--305927--1 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 9--305927--1
Description  Reasons for reissue are provided in Section 8, REVISION SUMMARY.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9--305927--1 Datasheet(HTML) 5 Page - Tyco Electronics

  9--305927--1 Datasheet HTML 1Page - Tyco Electronics 9--305927--1 Datasheet HTML 2Page - Tyco Electronics 9--305927--1 Datasheet HTML 3Page - Tyco Electronics 9--305927--1 Datasheet HTML 4Page - Tyco Electronics 9--305927--1 Datasheet HTML 5Page - Tyco Electronics 9--305927--1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
408- 10033
STRATO- THERM Crimping Heads
5
of 6
Rev B
Tyco Electronics Corporation
6.3. Visual Inspection
1. Remove all lubrication and accumulated film by
immersing the crimping head in a suitable
commercial degreaser that will not affect paint or
plastic.
2. Make certain all components are in place. If
replacements are necessary, refer to Figure 10.
3. Check all bearing surfaces for wear. Replace
worn parts.
4. Inspect crimp area for flattened, chipped, or
broken areas. Replace worn or damaged parts.
6.4. Lubrication
Lubricate all pins, pivot points, and bearing surfaces
with a high quality grease. Tyco Electronics
recommends the use of Molykote grease, which is a
commercially available lubricant. Lubricate according
to the following schedule:
Head used in daily production -- lubricate daily
Head used daily (occasional) -- lubricate weekly
Head used weekly -- lubricate monthly
Wipe excess grease from crimping head, particularly
from jaw closure areas. Grease transferred from jaw
closure area onto certain terminations may affect the
electrical characteristics of an application.
6.5. Gaging the Crimping Chamber
This inspection requires the use of plug gages
conforming to the dimensions shown in Figure 8. Tyco
Electronics does not manufacture or market these
gages.
Suggested Plug Gage Design for
Wire Barrel Section of Crimping Chamber
Jaw Closure
Configuration
“R”
6.35 [.250]
Min Typ
GO
Dim.
50.8 [2.00]
Min Typ
“R”
NO--GO
Dim.
HAND
GAGE ELEMENT DIMENSIONS
HAND
TOOL
GO
NO--GO
“R”
(Radius)
1--46673--0
1--46673--1
1.499--1.506
[.0590--.0593]
1.648--1.651
[.0649--.0650]
1.57
1--46988--0
1.702--1.709
[.0670--.0673]
1.851--1.854
[.0729--.0730]
1.57
[.062]
Figure 8 (cont’d)
GO
NO
GO
6.35 [.250]
Min Typ
Jaw Closure
Configuration
GO Dim.
NO--GO Dim.
“W”
Suggested Plug Gage Design for
Insulation Barrel Section of Crimping Chamber
“W”
HAND
GAGE ELEMENT DIMENSIONS
HAND
TOOL
GO
NO--GO
“W” (Width)
(Max)
1--46673--0
1--46673--1
0.762--0.770
[.0300--.0303]
1.267--1.270
[.0499--.0500]
3.05
1--46988--0
1.016--1.024
[.0400--.0403]
1.521--1.524
[.0599--.0600]
3.05
[.120]
Figure 8 (end)
Disconnect the battery and remove crimping
head from tool before inspecting crimping
chambers.
1. Remove oil and dirt from the jaw bottoming
surfaces and plug gage element surfaces.
2. Close wire barrel crimping jaws until they are
bottomed, but not under pressure.
3. Align GO element with wire barrel crimping
section. Push element straight into crimping
chamber without using force. The GO element
must pass completely through the chamber as
shown in Figure 9.
4. Align the NO--GO element and try to insert it
into the chamber. The element may start entry, but
it must not pass completely through the crimping
chamber.
5. Repeat this procedure for the insulation crimping
section using a plug gage as shown in Figure 8.
If the crimping chamber passes the gage inspection,
the crimping head is considered dimensionally correct
and should be lubricated with a THIN coat of any
good SAE 20 motor oil. If the crimping chamber does
not conform to the plug gage conditions, contact your
local Tyco Electronics Field Representative or refer to
Section 7, REPLACEMENT AND REPAIR.
For additional information about the use of a plug
gage, see Instruction Sheet 408--7424.
DANGER


Similar Part No. - 9--305927--1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9--305927--1 MACOM-9--305927--1 Datasheet
237Kb / 9P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
More results

Similar Description - 9--305927--1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10175 MACOM-408-10175 Datasheet
340Kb / 7P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
408-10029 MACOM-408-10029 Datasheet
237Kb / 9P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-8848 TEC-408-8848 Datasheet
488Kb / 6P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-4090 MACOM-408-4090 Datasheet
163Kb / 3P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY
408-9243 MACOM-408-9243 Datasheet
183Kb / 4P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-4328 TEC-408-4328 Datasheet
106Kb / 4P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY.
408-8580 TEC-408-8580 Datasheet
262Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-10221 TEC-408-10221 Datasheet
262Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-10041 MACOM-408-10041 Datasheet
275Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-4074 TEC-408-4074 Datasheet
238Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com