![]() |
Electronic Components Datasheet Search |
|
KPS28010Z Datasheet(PDF) 1 Page - COSMO Electronics Corporation |
|
|
KPS28010Z Datasheet(HTML) 1 Page - COSMO Electronics Corporation |
1 / 10 page ![]() Cosmo Electronics Corp. Document No. 69P05004.3 - 1 - http://www.cosmo-ic.com cosmo KPS28010Z Series 4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER Description The KPS28010Z series is DC-input single channel which contains a light emitting diode optically coupled to a phototransistor. It is packaged in a 4-pin SSOP package. The input-output isolation voltage is rated at 3750 Vrms. Schematic 1. Anode 2. Cathode 3. Emitter 4. Collector Features 1. Halogen free 2. Pb free and RoHS compliant 3. High isolation voltage(Viso=3750Vrms) 4. Small and thin package(4pin SSOP, pin pitch 1.27mm) 5. Low input current type (IF=0.1mA) 6. Current transfer ratio (CTR : 100~600% at IF=0.1mA Vce=5V). 7. High collector to emitter voltage (VCEO=80V). 8. High-speed switching tr =3μs (typ.), tf =5μs(typ.). 9. MSL class 1 10. Agency Approvals: • UL Approved (No. E169586): UL1577 • c-UL Approved (No. E169586) • VDE Approved (No. 40010469): DIN EN60747-5-5 • FIMKO Approved: EN60065, EN60950 • SEMKO Approved: EN60065, EN60950 • CQC Approved: GB8898-2011, GB4943.1-2011 Applications • Programmable logic controllers • Measuring instruments • Power supply • Hybrid IC 2 3 1 4 |
Similar Part No. - KPS28010Z_15 |
|
Similar Description - KPS28010Z_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.IN |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |