Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1--58166--2 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1--58166--2
Description  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1--58166--2 Datasheet(HTML) 4 Page - Tyco Electronics

  1--58166--2 Datasheet HTML 1Page - Tyco Electronics 1--58166--2 Datasheet HTML 2Page - Tyco Electronics 1--58166--2 Datasheet HTML 3Page - Tyco Electronics 1--58166--2 Datasheet HTML 4Page - Tyco Electronics 1--58166--2 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
408- 9039
Crimping Die Assemblies 58166- [ ] for SDL Connectors
Rev F
4
of 5
Tyco Electronics Corporation
2
3
4
5
8
6
WEIGHT:
85.05g[3oz]
7
1
33.32 [1.312] Max.
15.88 [.625] Max.
24.13 [.950] Max.
DIE ASSEMBLY
REPLACEABLE PARTS FOR DIE ASSEMBLIES 58166--[ ]
DIE ASSEMBLY
PART NUMBER
ITEM NO.
PART NUMBER
DESCRIPTION
QTY PER DIE ASSY
58166--[ ]
1
306105--7
SCREW, Special
2
58166--[ ]
2
305832--3
SPACER, Upper
1
58166--[ ]
3
1--21046--3
RING, Retaining
2
58166--[ ]
4
2--59675--2
SPACER, Lower
1
58166--1
5
312729--1
ANVIL, Insulation
1
58166--2
1--58166--7
2--58166--1
5
1--312729--0
ANVIL, Insulation
1
58166--3
5
312729--2
ANVIL, Insulation
1
58166--5
5
312729--4
ANVIL, Insulation
1
58166--7
5
312729--6
ANVIL, Insulation
1
58166--4
1--58166--1
5
312729--3
ANVIL, Insulation
1
1--58166--2
5
312729--5
ANVIL, Insulation
1
1--58166--3
5
312729--7
ANVIL, Insulation
1
1--58166--8
5
1--312729--1
ANVIL, Insulation
1
1--58166--9
5
1--312729--2
ANVIL, Insulation
1
2--58166--0
5
1--312729--3
ANVIL, Insulation
1
Figure 5 (cont’d)


Similar Part No. - 1--58166--2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1--525690--0 MACOM-1--525690--0 Datasheet
237Kb / 9P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
1--525691--0 MACOM-1--525691--0 Datasheet
237Kb / 9P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
More results

Similar Description - 1--58166--2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10324 MACOM-408-10324 Datasheet
239Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-9935 MACOM-408-9935 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-9359 TEC-408-9359 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
411-3236 MACOM-411-3236 Datasheet
216Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-6561 TEC-408-6561 Datasheet
110Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-1216 TEC-408-1216 Datasheet
91Kb / 2P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-10110 TEC-408-10110 Datasheet
191Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-8377 MACOM-408-8377 Datasheet
249Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-8607 MACOM-408-8607 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9240 MACOM-408-9240 Datasheet
85Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com