Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-001 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # A-001
Description  Tilt Switch - Mercury
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

A-001 Datasheet(HTML) 1 Page - American Electronic Components, inc

  A-001 Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tilt switches “make” when the electrode is tilted below horizontal and
“break” when tilted above the horizontal. Total travel from “make” to
“break” is the “Maximum included angle” shown below. The
component to which the switch is attached must have a total tilt angle
greater than the “Maximum included angle” for proper operation.
Part No: A1/2-001 – A1/2 Series
Tilt Switch - Mercury
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2006
Specifications are subject to change without notice. E&OE.
A1/2-001 200606
Drawing dimensions in inches.
Features:
* Insulated
* Form: NO/NC/SPST/Mount dependent
* Angles Referenced from Horizontal
* Hermetically Sealed
* Small Package Size
* Narrow Included Angle
* High Current Capability
* Low Contact Resistance
* Long Life
Maximum included Angle* :
15º
* Switching occurs when body axis is near horizontal
Switch Ratings:
Max Switching Voltage
240V
Max Switching Current
120VAC / 1A: 240VAC / 0.4A, 120VDC /0.5A: 240VDC /
0.4A. Tungsten 120V / 60W
Initial Contact Resistance (Max).
80 milli Ohms
Stand Off Voltage (contact to contact)
(contact to ground)
1250V
1500V
Operating Temperature
-38º to 220º F / -38º to 105º C
Storage Temperature
-40º to 356º F / -40º to 180º C
Typical number of operations at specified load
10,000,000
G-Force Activation G-Level/Range
N/A
Dimensions:
Weight per 100pcs. Lbs / Kgs:
0.99 / 0.45
Body Length (less leads). Inches / Millimeters:
0.96 / 24.4
Maximum Diameter. Inches / Millimeters:
0.38 / 9.5
Materials:
Lead Wire Type
#26AWG PVC Insulated
Lead wire length/skive/termination
6 inches, spade terminals #6 screw
Finish:
Clip:
Case: PBT (30% Glass Filled)
Use P/N 0164 Mounting Clip


Similar Part No. - A-001

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
A-003 AEC-A-003 Datasheet
181Kb / 1P
   Tilt Switch - Mercury
More results

Similar Description - A-001

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
20144 AEC-20144 Datasheet
157Kb / 1P
   Tilt Switch - Mercury
A1-003 AEC-A1-003 Datasheet
89Kb / 1P
   Tilt Switch / Mercury
4929 AEC-4929 Datasheet
182Kb / 1P
   Tilt Switch - Mercury
A1S-017 AEC-A1S-017 Datasheet
178Kb / 1P
   Tilt Switch - Mercury
T08-20201 AEC-T08-20201 Datasheet
172Kb / 1P
   Tilt Switch - Mercury
T08-20808 AEC-T08-20808 Datasheet
176Kb / 1P
   Tilt Switch - Mercury
4859 AEC-4859 Datasheet
186Kb / 1P
   Tilt Switch - Mercury
3825 AEC-3825 Datasheet
183Kb / 1P
   Tilt Switch - Mercury
5002 AEC-5002 Datasheet
172Kb / 1P
   Tilt Switch - Mercury
3822 AEC-3822 Datasheet
178Kb / 1P
   Tilt Switch - Mercury
4954 AEC-4954 Datasheet
186Kb / 1P
   Tilt Switch - Mercury
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com