Electronic Components Datasheet Search |
|
4--21028--9 Datasheet(PDF) 3 Page - Tyco Electronics |
|
4--21028--9 Datasheet(HTML) 3 Page - Tyco Electronics |
3 / 4 page 408- 4303 Pneumatic CERTI- CRIMP Tool Holder Assemblies 356302- 1, 356303- 1, and 1673611- 1 3 of 4 Rev F Tyco Electronics Corporation Figure 3 Ratchet Pawl with Emergency Release Press Pawl with Screwdriver 6. If the ratchet does not release after the jaws or dies bottom, loosen the three securing screws, remove the eccentric adjustment screw and rotate the eccentric counterclockwise to a lower setting. Repeat as required. 7. If the crimp cannot be made to conform to the dimensions provided in the appropriate application specification (114--series), the crimping head and/or dies are defective and must be replaced. 5. MAINTENANCE AND INSPECTION To avoid injury, DISCONNECT TOOL FROM AIR SUPPLY before performing any maintenance or inspection procedures. It is recommended that a maintenance and inspection program be performed periodically to ensure dependable and uniform terminations. The tool holder should be inspected once a week. Frequency of inspection should be adjusted to suit your requirements through experience, and depends on: 1. Care, amount of use, and handling of the tool. 2. Type and size of the products crimped. 3. Degree of operator skill. 4. Presence of abnormal amounts of dust and dirt. 5. Your own established standards. The tool holder is thoroughly inspected before packaging. Since there is the possibility of damage during shipment, the tool holder should be inspected immediately upon arrival at your facility. 5.1. Maintenance A. Cleaning Remove dust, moisture, and other contaminants with a clean, soft brush, or a soft, lint--free cloth. Do NOT use objects that could damage the tool. Re--lubricate tool holder (refer to Paragraph 5.1,B) before placing it back into service. B. Lubrication Lubricate all pins, pivot points, and bearing surfaces with a high quality grease. (Commercially available Molykote grease is recommended.) Lubricate according to the following schedule: Holder used in daily production—lubricate daily Holder used daily (occasional)—lubricate weekly Holder used weekly—lubricate monthly Wipe excess grease from tool holder, particularly from jaw or die closure areas. Grease transferred from the jaw or die closure area onto certain terminations may affect the electrical characteristics of an application. 5.2. Periodic Inspection Regular inspections of the tool should be performed by quality control personnel. A record of scheduled inspections should remain with the tool or be supplied to supervisory personnel responsible for the tool. Inspection frequency should be based upon amount of use, working conditions, operator training and skill, and established company standards. 1. Inspect the tool holder for missing pins or parts. If parts are missing or defective, replace them by referring to Section 6. 2. Check all bearing surfaces for wear. Make sure the rollers on the crimping head turn freely with minimal resistance. Replace any worn parts. 3. Inspect crimping jaws or dies for flattened, chipped, or broken areas. Worn or damaged surfaces are objectionable and will affect the quality of the crimp. 4. When the tool is not in use, store in a clean, dry area. 6. REPLACEMENT AND REPAIR Replaceable parts are listed in Figure 4. Parts other than those listed in Figure 4 should be replaced by Tyco Electronics to ensure quality and reliability of the tool. Order replacement parts through your Tyco Electronics Representative, or call 1--800--526--5142, or send a facsimile of your purchase order to 1--717--986--7605, or write to: CUSTOMER SERVICE TYCO ELECTRONICS P.O. BOX 3608 HARRISBURG, PA 17105--3608 For tool repair service, please contact a Tyco Electronics Representative at 1--800--526--5136. DANGER |
Similar Part No. - 4--21028--9 |
|
Similar Description - 4--21028--9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.IN |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |