Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1--21000--5 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1--21000--5
Description  Pneumatic CERTI-CRIMP Tool Holder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1--21000--5 Datasheet(HTML) 1 Page - Tyco Electronics

  1--21000--5 Datasheet HTML 1Page - Tyco Electronics 1--21000--5 Datasheet HTML 2Page - Tyco Electronics 1--21000--5 Datasheet HTML 3Page - Tyco Electronics 1--21000--5 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Instruction Sheet
Pneumatic CERTI- CRIMP* Tool Holder
Assemblies 356302- 1, 356303- 1, and 1673611- 1
408--4303
LOC B
1
of 4
E
2010 Tyco Electronics Corporation, Berwyn, PA
All Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other product names, logos, or company names might be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
11 MAR 10 Rev F
(For Use w/ Pneumatic Tooling Assemblies)
Figure 1
Tool Holder
Body
Ratchet
Pawl
Adjustable
Eccentric
Cam
Pivot Pin
Securing Screw
(3 Places)
Tool Holder 356303--1
1. INTRODUCTION
Pneumatic CERTI--CRIMP Tool Holder Assemblies
356302--1 and 356303--1 are used with Pneumatic
Tooling Assemblies 189721--1 or 189722--1.
Pneumatic CERTI--CRIMP Tool Holder Assembly
1673611--1 is used with Pneumatic Tooling Assembly
1490567--1.
The tool holders are designed to accept
interchangeable crimping heads for crimping various
types of connectors.
For information concerning setup and operation of the
pneumatic tools, refer to Customer Manual 409--5862.
Read these instructions thoroughly before using the
tool holder.
Measurements are in metric units [with U.S.
customary units in brackets]. Figures and
illustrations are for reference only and are not
drawn to scale.
Reasons for reissue of this instruction sheet are
provided in Section 7, REVISION SUMMARY.
2. DESCRIPTION (Figure 1)
The tool holder assembly consists of the tool holder
body, cam, adjustable eccentric, pivot pin, and ratchet
pawl with emergency release. The ratchet ensures
that the tool completes the crimp cycle.
3. INSTALLATION
Previously installed cams and tool holders must
be removed before installing different ones.
Air pressure must be removed from the tool while
head or tool holder is detached.
If the piston is not extended, it must first be
extended to allow installation of the cam. To
extend the piston, firmly grasp the piston with
piston pliers and pull away from the body of the
tool. Piston pliers are provided with the power
unit.
A strip of adhesive--backed safety labels, printed in
various languages, is packaged with the tool holder
assembly. Remove the appropriate language label
from the strip and attach it to the tool holder or safety
sleeve. The safety sleeve is supplied with the small
and large tool holder assemblies. For these
assemblies, attach the safety labels to the safety
sleeve.
Be sure to select the correct assembly of tool
holder and cam. If incorrect assembly is used,
system will not operate properly.
1. If cam setscrew is not installed in cam, thread
setscrew into cam two to three turns.
2. Place cam (with setscrew) onto piston rod. The
cam should butt against the piston rod face. If not,
turn cam setscrew counterclockwise until cam fits
on piston rod properly.
Overtightening the cam setscrew may damage
the setscrew or cam.
3. Tighten cam setscrew, then pull on cam to
ensure that it is firmly attached.
4. Properly align tool holder ratchet pawl with the
cam teeth (shown in Figure 2) and push tool holder
onto power unit so that it passes over the friction
ring on the power unit piston.
5. Slide tool holder locking ring toward tool holder
until it butts against the stop ring on the power unit
piston. Then turn ring clockwise to engage threads
NOTE
i
NOTE
i
DANGER
DANGER
CAUTION
!
CAUTION
!


Similar Part No. - 1--21000--5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1--21000--4 TEC-1--21000--4 Datasheet
123Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
1--21000--7 TEC-1--21000--7 Datasheet
144Kb / 6P
   2 mm Common Termination Head Assembly
1--21000--7 TEC-1--21000--7 Datasheet
115Kb / 4P
   Base Assembly Universal
1--21000--8 TEC-1--21000--8 Datasheet
115Kb / 4P
   Base Assembly Universal
1--21000--9 TEC-1--21000--9 Datasheet
183Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results

Similar Description - 1--21000--5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4321 MACOM-408-4321 Datasheet
139Kb / 4P
   Pneumatic CERTI-CRIMP Tool
408-10021 MACOM-408-10021 Datasheet
530Kb / 5P
   The CERTI--CRIMP II Tool Holder Assembly
logo
List of Unclassifed Man...
WA23 ETC-WA23 Datasheet
1Mb / 3P
   HEAVY DUTY PNEUMATIC CRIMP TOOL
REV.E
logo
Tyco Electronics
1583007 MACOM-1583007 Datasheet
94Kb / 1P
   CERTI- CRIMP II TOOL DATA SHEET EI SERIES CONNECTORS
logo
TE Connectivity Ltd
411-1050 TEC-411-1050 Datasheet
371Kb / 5P
   CERTI-CRIMP Hand Tools
408-7235 TEC-408-7235 Datasheet
69Kb / 4P
   CERTI-CRIMP Hand Crimping Tools
logo
List of Unclassifed Man...
AMT23B ETC2-AMT23B Datasheet
1Mb / 1P
   ENVELOPE DRAWING PNEUMATIC CRIMP TOOL (REF:M22520/23-01)
logo
Tyco Electronics
59824-1 MACOM-59824-1 Datasheet
4Mb / 8P
   Premium CERTI-CRIMP II Hand Tools
logo
PHOENIX CONTACT
SF-Z0022 PHOENIX-SF-Z0022 Datasheet
44Kb / 2P
   Pneumatic crimping tool
logo
Molex Electronics Ltd.
64007-7100 MOLEX11-64007-7100 Datasheet
29Kb / 1P
   Crimp Head for the AT-200 Pneumatic Hand Tool
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com