Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1--21000--7 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 1--21000--7
Description  Base Assembly Universal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1--21000--7 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  1--21000--7 Datasheet HTML 1Page - TE Connectivity Ltd 1--21000--7 Datasheet HTML 2Page - TE Connectivity Ltd 1--21000--7 Datasheet HTML 3Page - TE Connectivity Ltd 1--21000--7 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
408- 9875
3
of 4
Rev A
To avoid personal injury, make sure all guards are
installed on the arbor frame assembly or
the auto--cycle unit before terminating the
connector.
2. Place cable into the flutes of the fluted plate, as
shown in Figure 2.
Cable conductors must stay in the same flutes for
the entire length of the fluted plate.
3. Insert connector into the lower insert using the
instructions supplied with the connector--specific
kit.
4. Slide cable through the connector so that the
end of the cable is against the cable stop. The
cable must be positioned between the cable
guides. When cable is properly positioned, close
the cable clamp. See Figure 2.
5. To actuate the ram for the arbor frame
assembly, slide lower tooling assembly toward rear
of base plate until it is positioned against the rear
tool stop. Pull down on the frame assembly handle
to terminate the cable to the connector.
To actuate the ram for the auto--cycle unit, slide
lower tooling assembly toward the rear of the
base plate until the sensing port closes. The
frame assembly will automatically cycle and
terminate the cable to the connector.
6. To retract the ram for the arbor frame assembly,
raise the tool handle. Slide tooling assembly out
from under the ram and remove the terminated
connector.
The ram will automatically retract when the
auto--cycle unit has completed the crimp cycle.
Slide the lower tooling out from under the ram to
remove the terminated connector.
7. Measure the termination height of the connector.
The dimension should conform to the termination
height dimensions provided in Application
Specification 114--40049. If the termination height
is incorrect, an adjustment to the ram height is
required. Refer to the instruction sheet supplied
with the appropriate frame assembly for ram height
adjustment procedures.
5. MAINTENANCE AND INSPECTION
5.1. Maintenance
Base Assembly Universal Arbor Tool 768338--2
requires little maintenance other than to keep it clean.
Remove debris and contaminants from the tooling
with a clean, soft, lint--free cloth or a clean, soft brush.
Do not use objects that could damage the tooling and
do not use any solvents that could harm paint or
plastic material. When not in use, store the tooling in
a clean, dry area.
5.2. Inspection
The tooling should be inspected immediately upon
arrival at your facility and at regularly--scheduled
intervals thereafter to ensure that it has not been
damaged. Examine the tooling for any signs of
damage or excessive wear during inspections. If
replacement of parts is necessary, refer to Figure 3
for the list of customer--replaceable parts.
6. REPLACEMENT AND REPAIR
Figure 3 provides a list of customer--replaceable parts
for the Base Assembly Universal Arbor Tool
768338--2. Replacement parts can be ordered
through your local TE Connectivity representative.
Parts replacement and tooling repair may also be
secured by calling the Product Information or the
Tooling Assistance Center at the numbers shown on
the bottom of the first page of this document.
7. REVISION HISTORY
Since the previous version of this document, the
following has been changed:
S
Updated document to corporate requirements.
DANGER
NOTE
i
NOTE
i
NOTE
i


Similar Part No. - 1--21000--7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1--21000--7 TEC-1--21000--7 Datasheet
144Kb / 6P
   2 mm Common Termination Head Assembly
More results

Similar Description - 1--21000--7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2213730-1 MACOM-2213730-1 Datasheet
653Kb / 3P
   BASE ASSEMBLY, LIGHT CONTROLLER
6489700-1 MACOM-6489700-1 Datasheet
161Kb / 1P
   HEADER ASSEMBLY, UNIVERSAL, AMP LATCH
logo
Schneider Electric
HMIG5U2 SCHNEIDER-HMIG5U2 Datasheet
172Kb / 4P
   Base unit, Harmony GTU, Open BOX for Universal Panel
Sep 13, 2021
HMIG2U SCHNEIDER-HMIG2U Datasheet
145Kb / 4P
   Base unit, Harmony GTU, Standard Box for Universal Panel
Apr 27, 2022
HMIG3UFC SCHNEIDER-HMIG3UFC Datasheet
136Kb / 4P
   Base unit, Harmony GTU, Premium BOX for Universal Panel
Sep 20, 2021
logo
rfsolutions.ltd
INTRO RFSOLUTIONS-INTRO Datasheet
694Kb / 4P
   Universal RFID base board with RS232 and optional USB interface.
logo
Taoglas antenna solutio...
CAB.X05 TAOGLAS-CAB.X05 Datasheet
524Kb / 7P
   taoglas magnet mount antenna base cable assembly
CAB.X06 TAOGLAS-CAB.X06 Datasheet
527Kb / 7P
   taoglas magnet mount antenna base cable assembly
CAB.X04 TAOGLAS-CAB.X04 Datasheet
496Kb / 7P
   taoglas magnet mount antenna base cable assembly
CAB.X07 TAOGLAS-CAB.X07 Datasheet
531Kb / 7P
   taoglas magnet mount antenna base cable assembly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com