Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3--21028--4 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 3--21028--4
Description  Base Assembly Universal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3--21028--4 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  3--21028--4 Datasheet HTML 1Page - TE Connectivity Ltd 3--21028--4 Datasheet HTML 2Page - TE Connectivity Ltd 3--21028--4 Datasheet HTML 3Page - TE Connectivity Ltd 3--21028--4 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
408- 9875
Rev A
4
of 4
2
23
12
24
25
24
22
27
9
10
28
12
26
4
21
17 18
9
10
14 15 20
19
13
11
16
BASE ASSEMBLY UNIVERSAL ARBOR TOOL 768338--2
ITEM
PART NUMBER
DESCRIPTION
QUANTITY
2
4
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
768724--1
768599--1
27708--2
2--21000--0
23057--4
1--21000--9
1--21000--7
21055--7
2--21002--5
3--21028--4
1--21000--8
21055--5
314823--1
768602--1
768707--1
768915--1
768603--1
2--21006--7
679069--1
2--21000--3
679068--1
679070--1
PLATE, Fluted
BASE, Machined
KNOB, Thumbscrew, No. 6
SCREW, SHC, 6--32 x .50 LG
PLUNGER, Ball, SST
SCREW, SHC, 6--32 x .38 LG
SCREW, SHC, 4--4-- x .75 LG
WASHER, Flat, No. 10
SCREW, BHC, 10--32 x .25 LG
PIN, Roll, .093 x .38 LG
SCREW, SHC, 6--32 x .25 LG
WASHER, No. 6
UPPER TOOL MOUNT
GUARD, Frame
GUARD, Front
CABLE CLAMP ASSEMBLY
PIN, Pivot
SCREW, SET, 6--32 x .12 LG
STOP, CABLE
SCREW, SET, 6--32 x .88 LG
GUIDE, Cable
SPACER (Not Shown)
1
1
3
3
1
2
2
3
3
1
2
2
1
1
1
1
1
2
1
2
2
1
Figure 3


Similar Part No. - 3--21028--4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3--21028--2 TEC-3--21028--2 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
3--21028--2 TEC-3--21028--2 Datasheet
144Kb / 6P
   2 mm Common Termination Head Assembly
logo
Tyco Electronics
3--21028--2 MACOM-3--21028--2 Datasheet
142Kb / 5P
   Feed- Through Head Assembly
3--21028--2 MACOM-3--21028--2 Datasheet
161Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
3--21028--2 MACOM-3--21028--2 Datasheet
146Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
More results

Similar Description - 3--21028--4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2213730-1 MACOM-2213730-1 Datasheet
653Kb / 3P
   BASE ASSEMBLY, LIGHT CONTROLLER
6489700-1 MACOM-6489700-1 Datasheet
161Kb / 1P
   HEADER ASSEMBLY, UNIVERSAL, AMP LATCH
logo
Schneider Electric
HMIG5U2 SCHNEIDER-HMIG5U2 Datasheet
172Kb / 4P
   Base unit, Harmony GTU, Open BOX for Universal Panel
Sep 13, 2021
HMIG2U SCHNEIDER-HMIG2U Datasheet
145Kb / 4P
   Base unit, Harmony GTU, Standard Box for Universal Panel
Apr 27, 2022
HMIG3UFC SCHNEIDER-HMIG3UFC Datasheet
136Kb / 4P
   Base unit, Harmony GTU, Premium BOX for Universal Panel
Sep 20, 2021
logo
rfsolutions.ltd
INTRO RFSOLUTIONS-INTRO Datasheet
694Kb / 4P
   Universal RFID base board with RS232 and optional USB interface.
logo
Taoglas antenna solutio...
CAB.X05 TAOGLAS-CAB.X05 Datasheet
524Kb / 7P
   taoglas magnet mount antenna base cable assembly
CAB.X06 TAOGLAS-CAB.X06 Datasheet
527Kb / 7P
   taoglas magnet mount antenna base cable assembly
CAB.X04 TAOGLAS-CAB.X04 Datasheet
496Kb / 7P
   taoglas magnet mount antenna base cable assembly
CAB.X07 TAOGLAS-CAB.X07 Datasheet
531Kb / 7P
   taoglas magnet mount antenna base cable assembly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com