Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4--23715--7 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 4--23715--7
Description  Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4--23715--7 Datasheet(HTML) 4 Page - Tyco Electronics

  4--23715--7 Datasheet HTML 1Page - Tyco Electronics 4--23715--7 Datasheet HTML 2Page - Tyco Electronics 4--23715--7 Datasheet HTML 3Page - Tyco Electronics 4--23715--7 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
408- 9414
Terminating Head 58063- 2
Rev B
4
of 4
Tyco Electronics Corporation
1
2
3
15
6
7
9
5
13
10
12
11
8
A
A
Section A--A
84.07 mm [3.31 in.]
25.4 mm
[1.0 in.]
44.45 mm
[1.75 in.]
14
4
REPLACEMENT PARTS
ITEM
PART NUMBER
DESCRIPTION
QTY PER HEAD
1
312331--1
HEAD
1
2
28593--1
SCREW, Self--Tapping
2
3
314011--1
HOUSING, Insert
1
4
314012--1
PAWL
1
5
1--23147--1
SPRING, Compression
2
6
312339--1
INSERTER, Wire
1
7
312340--1
GUIDE, Wire
1
8
4--23715--7
SCREW, Machine, 4--40¢.750 in. L
2
9
3--21028--2
PIN, Slotted Spring
1
10
312149--1
ADJUSTER (Inserter Rod)
1
11
22488--5
SPRING, Compression
1
12
312148--2
ROD, Inserter
1
13
314013--1
SLIDE, Feed
1
14
304580--0
PIN, Spirol
1
15
314014--1
PAWL, Locator
1
Figure 5
7. REVISION SUMMARY
Revisions to this instruction sheet include:
S
Updated instruction sheet to corporate
requirements
S
Added Original Instructions to page 1
S
Corrected part number of Item 5 in Figure 5


Similar Part No. - 4--23715--7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4--23715--7 MACOM-4--23715--7 Datasheet
161Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
More results

Similar Description - 4--23715--7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-9911 TEC-408-9911 Datasheet
86Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
logo
Tyco Electronics
408-8394 MACOM-408-8394 Datasheet
107Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
408-10055 MACOM-408-10055 Datasheet
113Kb / 2P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY
logo
TE Connectivity Ltd
408-10050 TEC-408-10050 Datasheet
341Kb / 8P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY
logo
Tyco Electronics
408-9757 MACOM-408-9757 Datasheet
149Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
408-8590 MACOM-408-8590 Datasheet
218Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY
408-8589 MACOM-408-8589 Datasheet
237Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY
logo
TE Connectivity Ltd
408-7563 TEC-408-7563 Datasheet
111Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
logo
Tyco Electronics
408-9809 MACOM-408-9809 Datasheet
122Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 4, REVISION SUMMARY.
408-9745 MACOM-408-9745 Datasheet
101Kb / 2P
   Reasons for reissue of this instruction sheet are provided in Section 5, REVISION SUMMARY.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com