Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q-50CC Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # Q-50CC
Description  HARTMAN Sensors and Protective Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

Q-50CC Datasheet(HTML) 5 Page - TE Connectivity Ltd

  Q-50CC Datasheet HTML 1Page - TE Connectivity Ltd Q-50CC Datasheet HTML 2Page - TE Connectivity Ltd Q-50CC Datasheet HTML 3Page - TE Connectivity Ltd Q-50CC Datasheet HTML 4Page - TE Connectivity Ltd Q-50CC Datasheet HTML 5Page - TE Connectivity Ltd Q-50CC Datasheet HTML 6Page - TE Connectivity Ltd Q-50CC Datasheet HTML 7Page - TE Connectivity Ltd Q-50CC Datasheet HTML 8Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6–137
HARTMAN Sensors and Protective Devices
6
For factory-direct application
assistance, phone 419-521-9500 or
fax 419-526-2749.
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
Q-50 Series Relay, Current Indicator, Rated up to 15 Amps, 28 Vdc
Product Facts
n SPDT
n Environmentally sealed
n Meets many requirements
of MIL-PRF-6106
Performance Data
Electrical Characteristics
Contact Arrangement — SPDT
Contact Rating @ 28 Vdc —
0.25 Amp
Lamp Load @ 28 Vdc —
0.10 Amp
Rated Operating Voltage — 28 Vdc
Sensing Current Rating — 15 Amps
DC, continuous, max.
Pickup Max. —
3.2 Amps DC
Dropout Min. — 1.2 Amps
General Characteristics
Temperature Range —
-55°C to +85°C
Altitude, Max. — 50,000 ft
Weight, Max. — 1.25 oz
Mounting Style A
Circuit Configuration 1
Circuit Configurations (Consult factory for other available circuit
configurations)
HARTMAN
Construction
Mounting
Duty
Circuit
TE
Part Number
Type
Style
Cycle
Config.
Part Number
Q-50CC
Environmentally
A
Continuous
1
1616131-7
Sealed


Similar Part No. - Q-50CC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
Q-50AC MACOM-Q-50AC Datasheet
82Kb / 1P
   HARTMAN Aerospace Power Products
Q-50B MACOM-Q-50B Datasheet
90Kb / 1P
   HARTMAN Aerospace Power Products
More results

Similar Description - Q-50CC

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
A-772 TEC-A-772 Datasheet
273Kb / 1P
   HARTMAN Sensors and Protective Devices
RA-3100 TEC-RA-3100 Datasheet
1Mb / 4P
   HARTMAN Sensors and Protective Devices
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
   SURGE PROTECTIVE DEVICES
LV-Q OKAYA-LV-Q Datasheet
107Kb / 2P
   SURGE PROTECTIVE DEVICES
R38-900-BOL OKAYA-R38-900-BOL Datasheet
101Kb / 1P
   SURGE PROTECTIVE DEVICES
RA-C6 OKAYA-RA-C6 Datasheet
253Kb / 2P
   SURGE PROTECTIVE DEVICES
RAV-BWZ-4 OKAYA-RAV-BWZ-4 Datasheet
120Kb / 2P
   SURGE PROTECTIVE DEVICES
RAV-L-A OKAYA-RAV-L-A Datasheet
70Kb / 1P
   SURGE PROTECTIVE DEVICES
RHCA4532 OKAYA-RHCA4532 Datasheet
128Kb / 2P
   SURGE PROTECTIVE DEVICES
RSPD-Q OKAYA-RSPD-Q Datasheet
98Kb / 2P
   SURGE PROTECTIVE DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com