Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-10224-16 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # R-10224-16
Description  Temperature Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

R-10224-16 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  R-10224-16 Datasheet HTML 1Page - TE Connectivity Ltd R-10224-16 Datasheet HTML 2Page - TE Connectivity Ltd R-10224-16 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
STATOR RTD
Temperature Sensor
SENSOR SOLUTIONS /// STATOR RTD
10/2015
Page 3
Ordering Information
Stator RTD Sensor, Rear Exit
Model
Classification
Temperature Limit
Material
Dielectric Strength
300F
300H
Class F
Class H
155°C
180°C
Epoxy Glass
Epoxy Glass
3,000 Volts
2,000 Volts
Model
Element
Accuracy
Temperature Coefficient
P2B
P2C
P2D
G2C
C1D
N3C
Platinum
Platinum
Platinum
Platinum
Copper
Nickel
100 Ohm ±.12% at 0°C
100 Ohm ±.5% at 0°C
100 Ohm ±.2% at 0°C
100 Ohm ±.5% at 0°C
10 Ohm ±.2% at 25°C
120 Ohm ±.5% at 0°C
.00385
.00385
.00385
.00392
.00427
.00672
Model
'L' Body Length
----
Define 'L' Length in Inches
Example: 10.00 = 10.00”; 6.25 = 6.25”
Model
Leadwires, Element Configuration
Color Code
2S
3S
4S
3D
Two Wire, Single
Three Wire, Single
Four Wire, Single
Three Wire, Dual
Red/White
Red/White/White
Red/Red/White/White
Red/White/White // Blue/Yellow/Yellow
Model
'T' Body Thickness
Standard Leadwires
A
B
C
D
E
F
G
H
.030"
.050"
.078"
.093"
.125"
.093"
.125"
.030”
30 AWG
26 AWG
22 AWG
22 AWG
22 AWG
22 AWG, Jacketed Cable
22 AWG, Jacketed Cable
26 AWG (0.050” Thick at Lead Exit)
Model
'Y' Leadwire/Cable Options
----
Define 'Y' Length in Inches (120 = 120.0")
Model
'W' Body Width
A
B
C
D
E
F
.260" (Single Element Only)
.305" (Single Element Only)
.344" (Single Element Only)
.455" (Single Element Only)
.500"
.625"
Stocked Part Numbers*
Part Number
Model Number
R-1630
R-2428
R-10224-16
R-10494-3
R-12269-6
R-12269-8
320M C1D 3S 36 A 1
320M P2C 3S 96 A 1
320M P2C 3S 180 A 1
320M C1D 3S 96 A 1
322M G2C 3S 96 A 1
322M P2C 3S 96 A 1
* Please consult factory for availability.
TE.com/sensorsolutions
Measurement Specialties, Inc., a TE Connectivity company.
Measurement Specialties, TE Connectivity, TE Connectivity (logo) and EVERY CONNECTION COUNTS are trademarks. All other logos, products and/or company names referred to
herein might be trademarks of their respective owners.
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However, TE Connectivity makes
no warranties as to its accuracy or completeness and disclaims any liability in connection with its use. TE Connectivity‘s obligations shall only be as set forth in TE Connectivity‘s Standard
Terms and Conditions of Sale for this product and in no case will TE Connectivity be liable for any incidental, indirect or consequential damages arising out of the sale, resale, use or
misuse of the product. Users of TE Connectivity products should make their own evaluation to determine the suitability of each such product for the specific application.
© 2015
TE Connectivity Ltd. family of companies
All Rights Reserved.
NORTH AMERICA
Measurement Specialties, Inc.,
a TE Connectivity Company
1711 139th Lane NW
Andover, MN 55304
Tel
+1 763 689 4870
Fax +1 763 689 5033
temp.eng.us@meas-spec.com
EUROPE
Measurement Specialties (Europe), Ltd.,
a TE Connectivity Company
4 Rue Gaye Marie
31027 Toulouse, France
Tel
+33 (0) 582 082 200
Fax +33 (0) 582 082 151
ASIA
Measurement Specialties (China), Ltd.,
a TE Connectivity Company
No. 26 Langshan Road
Shenzhen High-Tech Park (North)
Nanshan District, Shenzhen 518057 China
Tel
+86 755 3330 5088
Fax +86 755 3330 5099


Similar Part No. - R-10224-16

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
R-10256-23 TEC-R-10256-23 Datasheet
149Kb / 3P
   MEAS STATOR RTD
More results

Similar Description - R-10224-16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
   Temperature Sensor
logo
TRACO Electronic AG
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000 Datasheet
117Kb / 3P
   TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3001GB2A0 IDT-TS3001GB2A0 Datasheet
523Kb / 23P
   Temperature Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com