Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-10494-3 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # R-10494-3
Description  Temperature Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

R-10494-3 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  R-10494-3 Datasheet HTML 1Page - TE Connectivity Ltd R-10494-3 Datasheet HTML 2Page - TE Connectivity Ltd R-10494-3 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STATOR RTD
Temperature Sensor
SENSOR SOLUTIONS /// STATOR RTD
10/2015
Page 2
Applications
Electric Motors
Generators
Performance Specifications
Dielectric Strength:
Class F: 3,000 volts RMS @ 60 Hz for 1 minute,
between leads and external body surface
Class H: 2,000 volts RMS @ 60 Hz for 1 minute,
between leads and external body surface
Temperature Limits:
Class F: 155°C (311°F)
Class H: 180°C (356°F)
RTD Leadwires:
Two Wire, Three Wire or Four Wire
Standard: Stranded Copper plated wire with PTFE insulation
Other leadwire coverings available
Dimensions


Similar Part No. - R-10494-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
R-10256-23 TEC-R-10256-23 Datasheet
149Kb / 3P
   MEAS STATOR RTD
logo
Systemsensor advanced i...
R-10E SYSTEMSENSOR-R-10E Datasheet
273Kb / 2P
   Multi-Voltage Conventional Relays
R-10T SYSTEMSENSOR-R-10T Datasheet
273Kb / 2P
   Multi-Voltage Conventional Relays
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
   Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
More results

Similar Description - R-10494-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
   Temperature Sensor
logo
TRACO Electronic AG
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000 Datasheet
117Kb / 3P
   TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3001GB2A0 IDT-TS3001GB2A0 Datasheet
523Kb / 23P
   Temperature Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com