Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G-MRCO-006 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # G-MRCO-006
Description  Linear Magnetic Field Sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

G-MRCO-006 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  G-MRCO-006 Datasheet HTML 1Page - TE Connectivity Ltd G-MRCO-006 Datasheet HTML 2Page - TE Connectivity Ltd G-MRCO-006 Datasheet HTML 3Page - TE Connectivity Ltd G-MRCO-006 Datasheet HTML 4Page - TE Connectivity Ltd G-MRCO-006 Datasheet HTML 5Page - TE Connectivity Ltd G-MRCO-006 Datasheet HTML 6Page - TE Connectivity Ltd G-MRCO-006 Datasheet HTML 7Page - TE Connectivity Ltd G-MRCO-006 Datasheet HTML 8Page - TE Connectivity Ltd G-MRCO-006 Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
KMY_KMZ
Linear Magnetic Field Sensors
SENSOR SOLUTIONS ///KMY_KMZ Rev 4
1/2016
Page 2
FEATURES
Output proportional to magnetic field
strength with very high sensitivity
Very small hysteresis
Large operating temperature range, from
-40°C up to +150 °C
Highly reliable
With / without internal magnet
APPLICATIONS
Detection of very weak magnetic fields, like
earth magnetic field, or field generated by
small magnetic particles
Detection of objects that distort non-local
magnetic fields
Revolution measurement on ferromagnetic
gears
Contactless switch
Contactless displacement / position sensor
DESCRIPTION
An uniaxial linear magnetic field (in y-direction) will generate a linear output within the specified magnetic field range.
The sensor is available in two types: the KMY 20 M, KMY 21 M and KMZ 20 M sensor types contain intrinsic
magnets which provide an auxiliary magnetic field (in x-direction) at the sensor die which prevents magnetic
domains from flipping irregularly.
If
the
dies
MR174B
or
the
components KMY22, KMY20S or
KMZ20S
are used, the auxiliary
field has to be provided by the
user. The dependence of the
sensitivity
with
auxiliary
field
strength is depicted in the figure
aside.
Figure 1
: Sensitivity dependence
on auxiliary field strength
Auxiliary Field Dependence
0
5
10
15
0
1
2
3
4
5
Hx in kA/m


Similar Part No. - G-MRCO-006

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
G-MRCO-015 TEC-G-MRCO-015 Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
G-MRCO-016 TEC-G-MRCO-016 Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
G-MRCO-017 TEC-G-MRCO-017 Datasheet
287Kb / 6P
   AMR Switching-Sensor
G-MRCO-021 TEC-G-MRCO-021 Datasheet
221Kb / 7P
   AMR Sensor with 360째 capability
More results

Similar Description - G-MRCO-006

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZMZ20M DIODES-ZMZ20M Datasheet
62Kb / 4P
   MAGNETIC FIELD SENSORS
ZMZ20 DIODES-ZMZ20 Datasheet
132Kb / 6P
   MAGNETIC FIELD SENSORS
logo
Zetex Semiconductors
ZMZ20 ZETEX-ZMZ20 Datasheet
124Kb / 6P
   MAGNETIC FIELD SENSORS
ZMZ20M ZETEX-ZMZ20M Datasheet
54Kb / 4P
   MAGNETIC FIELD SENSORS
ZMY20 ZETEX-ZMY20 Datasheet
3Mb / 7P
   Magnetic Field Sensors
logo
Analog Devices
AD22151 AD-AD22151 Datasheet
118Kb / 8P
   Linear Output Magnetic Field Sensor
REV. 0
AD22151YRZ AD-AD22151YRZ Datasheet
270Kb / 8P
   Linear Output Magnetic Field Sensor
REV. A
AD22151 AD-AD22151_15 Datasheet
270Kb / 8P
   Linear Output Magnetic Field Sensor
REV. A
logo
List of Unclassifed Man...
KMC05 ETC2-KMC05 Datasheet
143Kb / 2P
   Magnetic Field Sensors Current Sensor
KMT31 ETC2-KMT31 Datasheet
139Kb / 2P
   Magnetic Field Sensors Angle Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com