Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H-1202 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # H-1202
Description  17 mm Guitar Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

H-1202 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  H-1202 Datasheet HTML 1Page - Bourns Electronic Solutions H-1202 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.00
(.197)
5.00
(.197)
2.0
(.079)
2.1
(.083)
DIA.
3 PLCS.
3 PLCS.
3.7
(.146)
UNDER
=
10.0
(.394)
TOLERANCES:
±0.3
(±.012)
=
10.0 ~ 100
(.394 ~ 3.937)
±0.5
(±.020)
PDB182-GTR01
PDB182-GTR02
3/8”NEF
18 TEETH
C0.5
PLAIN
SHAFT
6.00
(.236)
DIA.
KNURLED
SHAFT
6.00
(.236)
DIA.
1.0
(.039)
6.0
(.236)
9.5
(.374)
19.0
(.748)
11.3
(.445)
1.5
(.059)
5.00
(.197)
5.00
(.197)
DIA.
FULL
CW
30 ° ± 10 °
17.0
(.669)
1
2
3
3
2
1
PINOUT FOR “A” AND “B” TAPERS
PINOUT FOR “C” TAPER
5.00
(.197)
5.00
(.197)
2.0
(.079)
2.1
(.083)
DIA.
3 PLCS.
3 PLCS.
3.7
(.146)
3/8”NEF
18 TEETH
18 TEETH
C0.5
C0.5
PLAIN
SHAFT
6.00
(.236)
DIA.
PLAIN
SHAFT
(LONG)
6.00
(.236)
DIA.
KNURLED
SHAFT
PDB181-GTR01
PDB181-GTR02
PDB18x-GTR03
PDB18x-GTR04
6.00
(.236)
DIA.
1.0
(.039)
6.0
(.236)
9.5
(.374)
19.0
(.748)
16.5
(.650)
DIA.
9.3
(.366)
1.5
(.059)
KNURLED
SHAFT
(LONG)
6.00
(.236)
DIA.
1.0
(.039)
6.0
(.236)
19.0
(.748)
27.5
(1.083)
1.0
(.039)
DIA.
FULL
CW
5.00
(.197)
5.00
(.197)
30 ° ± 10 °
1
2
3
3
2
1
17.0
(.669)
PINOUT FOR “A” AND “B” TAPERS
PINOUT FOR “C” TAPER
Features
Carbon element
Plain or knurled shaft option
Metal bushing
Metal shaft
Rear solder lugs
Compact size
Dual gang option
PDB181-GTR Series - 17 mm Guitar Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Taper.................................. Linear, audio
Standard Resistance Range
...................... 10 K ohms to 1 M ohms
Standard Resistance Tolerance....±20 %
Residual Resistance................ 1 % max.
Environmental Characteristics
Operating Temperature
..................................-10 °C to +50 °C
Power Rating
Linear..................................... 0.2 watt
Dual Section ................. 0.125 watt
Audio...................................... 0.1 watt
Dual Section ................... 0.06 watt
Maximum Operating Voltage
Linear.........................................200 V
Audio..........................................150 V
Sliding Noise........................47 mV max.
Mechanical Characteristics
Mechanical Angle ................... 300 ° ±5 °
Rotational Torque .......... 10 to 150 gf-cm
Stop Strength..................... 5 kg-cm min.
Rotational Life................... 15,000 cycles
Soldering Condition
............ 260 °C max. within 3 seconds
Hardware .............. Two flat washers and
two mounting nuts supplied
per potentiometer
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70
80 90 100
30
10
0
20
33
40
60
80
100
0
Product Dimensions
Hardware
NUT
WASHER
12.7 ± 0.5
(.472 ± .020
12.0 ± 0.5
(.472 ± .020)
DIA.
DIA.
2.3 ± 0.2
(.091 ± .008)
3/8”NEF
9.5 ± 0.3
(.374 ± .012)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - H-1202

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
H-1200 PENTAIR-H-1200 Datasheet
226Kb / 2P
   H-1200 TWO-STAGE DRINKING WATER SYSTEM
logo
Bourns Electronic Solut...
H-1201 BOURNS-H-1201 Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
H-1203 BOURNS-H-1203 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
H-1204 BOURNS-H-1204 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
H-1205 BOURNS-H-1205 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
More results

Similar Description - H-1202

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB181-GTR BOURNS-PDB181-GTR Datasheet
360Kb / 2P
   PDB181-GTR Series - 17 mm Guitar Potentiometer
PDB182-GTRB BOURNS-PDB182-GTRB Datasheet
258Kb / 2P
   PDB182-GTRB - 17 mm Blend-Balance Guitar Potentiometer
PDB185-GTR BOURNS-PDB185-GTR Datasheet
665Kb / 4P
   17 mm Guitar Potentiometer w/Latching-Push Switch
PDB183-GTR BOURNS-PDB183-GTR Datasheet
507Kb / 4P
   17 mm Guitar Potentiometer w/Push-Pull Switch
PDB241-GTR BOURNS-PDB241-GTR_13 Datasheet
282Kb / 2P
   24 mm Guitar Potentiometer
PDB241-GTR BOURNS-PDB241-GTR Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
H-1201 BOURNS-H-1201 Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
PDB241-GNL BOURNS-PDB241-GNL_13 Datasheet
242Kb / 2P
   ?쏯o-Load??Guitar Potentiometer
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
   17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
   17 mm Rotary Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com