Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303CC Datasheet(PDF) 142 Page - STMicroelectronics

Part # STM32F303CC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CC Datasheet(HTML) 142 Page - STMicroelectronics

Back Button STM32F303CC Datasheet HTML 138Page - STMicroelectronics STM32F303CC Datasheet HTML 139Page - STMicroelectronics STM32F303CC Datasheet HTML 140Page - STMicroelectronics STM32F303CC Datasheet HTML 141Page - STMicroelectronics STM32F303CC Datasheet HTML 142Page - STMicroelectronics STM32F303CC Datasheet HTML 143Page - STMicroelectronics STM32F303CC Datasheet HTML 144Page - STMicroelectronics STM32F303CC Datasheet HTML 145Page - STMicroelectronics STM32F303CC Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 148 page
background image
Revision history
STM32F303xB STM32F303xC
142/148
DocID023353 Rev 13
9
Revision history
Table 88. Document revision history
Date
Revision
Changes
22-Jun-2012
1
Initial release
07-Sep-2012
2
Modified Features on cover page.
Modified Table 2: STM32F301xx family device features and peripheral
counts
Added clock tree to Section 3.9: Clocks and startup
Added Table 10: STM32F302xB/STM32F302xC I2C implementation
Added Table 11: USART features
Added Table 12: STM32F302xB/STM32F302xC SPI/I2S implementation
Modified Table 13: Capacitive sensing GPIOs available on
STM32F302xB/STM32F302xC devices
Modified Figure 7, Figure 8 and Figure 9: STM32F302xB/STM32F302xC
LQFP100 pinout
Modified Table 16: STM32F302xB/STM32F302xC pin definitions
Modified Figure 11: Power supply scheme
Modified Table 21: Voltage characteristics
Modified Table 22: Current characteristics
Modified Table 25: Operating conditions at power-up / power-down
Added footnote to Table 31: Typical and maximum current consumption
from the VDDA supply
Added footnote to Table 35 and Table 36: Typical current consumption in
Sleep mode, code running from Flash or RAM
Removed table “Switching output I/O current consumption” and table
“Peripheral current consumption”
Added note under Figure 17: Typical application with a 32.768 kHz
crystal
Updated Table 49: HSI oscillator characteristics
Updated Wakeup time from low-power mode and Table 39: Low-power
mode wakeup timings
Updated Table 47: Flash memory characteristics
Updated Table 52: Electrical sensitivities
Updated Table 53: I/O current injection susceptibility
Updated Table 54: I/O static characteristics
Updated Table 55: Output voltage characteristics
Updated Table 57: NRST pin characteristics
Updated Table 63: SPI characteristics
Updated Table 64: I2S characteristics
Corrected LQFP100 in Section 7.2.3: Selecting the product temperature
range
21-Sep-2012
3
Updated Table 63: SPI characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com