Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151C6 Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM32L151C6
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C6 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32L151C6 Datasheet HTML 125Page - STMicroelectronics STM32L151C6 Datasheet HTML 126Page - STMicroelectronics STM32L151C6 Datasheet HTML 127Page - STMicroelectronics STM32L151C6 Datasheet HTML 128Page - STMicroelectronics STM32L151C6 Datasheet HTML 129Page - STMicroelectronics STM32L151C6 Datasheet HTML 130Page - STMicroelectronics STM32L151C6 Datasheet HTML 131Page - STMicroelectronics STM32L151C6 Datasheet HTML 132Page - STMicroelectronics STM32L151C6 Datasheet HTML 133Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 129 / 133 page
background image
DocID17659 Rev 12
129/133
STM32L151x6/8/B STM32L152x6/8/B
Revision history
132
26-Oct-2012
7
Updated cover page.
Updated Section 3.10: ADC (analog-to-digital converter)
Updated Table 3: Functionalities depending on the operating power
supply range, added Table 4: CPU frequency range depending on
dynamic voltage scaling and Table 5: Working mode-dependent
functionalities (from Run/active down to standby).
Updated Table 27: Low-speed external user clock
characteristicsAdded footnote 2. in Table 14: Embedded reset and
power control block characteristics
Updated Table 22: Typical and maximum current consumptions in
Stop mode and Table 23: Typical and maximum current
consumptions in Standby mode
Updated footnote 4. in Table 22: Typical and maximum current
consumptions in Stop mode
Updated Table 44: I/O AC characteristics
Updated Table 47: I2C characteristics
Updated Table 49: SPI characteristics
Updated Section 6.3.9: Memory characteristics
Updated “non-robust” Table 54: ADC characteristics
Removed the note “position of 4.7 µf capacitor” in Section 6.1.6:
Power supply scheme
Updated Table 66: UFQFPN48 7 x 7 mm, 0.5 mm pitch, ultra thin
fine-pitch quad flat no-lead package mechanical data
Updated Table 65: LQFP48 7 x 7 mm, 48-pin low-profile quad flat
package mechanical data
Added the resistance of TFBGA in Table 71: Thermal characteristics
Added Figure 50: Thermal resistance
07-Feb-2013
8
Removed AHB1/AHB2 in Figure 1: Ultralow power
STM32L15xx6/8/B block diagram
Added IWDG and WWDG rows in Table 5: Working mode-
dependent functionalities (from Run/active down to standby).
Updated IDD (Supply current during wakeup time from Standby
mode) in Table 23: Typical and maximum current consumptions in
Standby mode
The comment "HSE = 16 MHz(2) (PLL ON for fHCLK above 16
MHz)" replaced by "fHSE = fHCLK up to 16 MHz included, fHSE =
fHCLK/2 above 16 MHz (PLL ON)(2)” in Table 19: Current
consumption in Sleep mode
Updated Stop mode current to 1.2 µA in Ultra-low-power platform
Updated entire Section 7: Package information
Removed alternate function “I2C2_SMBA” for GPIO pin “PH2” in
Table 8: STM32L15xx6/8/B pin definitions
Updated Table 27: Low-speed external user clock characteristics
and definition of symbol “RAIN” in Table 54: ADC characteristics
Removed first sentence in I2C interface characteristics
Table 73. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com