Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151RB Datasheet(PDF) 128 Page - STMicroelectronics

Part # STM32L151RB
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RB Datasheet(HTML) 128 Page - STMicroelectronics

Back Button STM32L151RB Datasheet HTML 124Page - STMicroelectronics STM32L151RB Datasheet HTML 125Page - STMicroelectronics STM32L151RB Datasheet HTML 126Page - STMicroelectronics STM32L151RB Datasheet HTML 127Page - STMicroelectronics STM32L151RB Datasheet HTML 128Page - STMicroelectronics STM32L151RB Datasheet HTML 129Page - STMicroelectronics STM32L151RB Datasheet HTML 130Page - STMicroelectronics STM32L151RB Datasheet HTML 131Page - STMicroelectronics STM32L151RB Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 133 page
background image
Revision history
STM32L151x6/8/B STM32L152x6/8/B
128/133
DocID17659 Rev 12
17-June-2011
5
Modified 1st page (low power features)
Added STM32L15xC6 and STM32L15xR6 devices (32 Kbytes of
Flash memory).
Modified Section 3.6: GPIOs (general-purpose inputs/outputs) on
page 22
Modified Section 6.3: Operating conditions on page 53
Modified Table 55: ADC accuracy on page 95, Table 57: DAC
characteristics on page 99 and Table 60: Comparator 1
characteristics on page 102
25-Jan-2012
6
Features: updated internal multispeed low power RC.
Table 2: Ultralow power STM32L15xx6/8/B device features and
peripheral counts: LCD 4x44 and 8x40 available for both 64- and
128-Kbyte devices; two comparators available for all devices.
Table 3: Functionalities depending on the operating power supply
range: added footnote 1.
Figure 8: STM32L15xCx UFQFPN48 pinout: replaced VFQPN48 by
UFQFPN48 as name of package.
Table 8: STM32L15xx6/8/B pin definitions: replaced PH0/PH1 by
PC14/PC15.
Table 9: Alternate function input/output: removed EVENT OUT from
PH2 port, AFIO15 column.
Table 19: Current consumption in Sleep mode: updated MSI
conditions and fHCLK.
Table 20: Current consumption in Low power run mode: updated
some temperature conditions; added footnote 2.
Table 21: Current consumption in Low power sleep mode: updated
some temperature conditions and one of the MSI clock conditions.
Table 22: Typical and maximum current consumptions in Stop
mode: updated IDD (WU from Stop) parameter.
Table 23: Typical and maximum current consumptions in Standby
mode: updated IDD (WU from Standby) parameter.
Table 25: Low-power mode wakeup timings: updated fHCLK value
for tWUSLEEP_LP; updated typical value of parameter “Wakeup from
Stop mode, regulator in Run mode”.
Table 24: Peripheral current consumption: replaced GPIOF by
GPIOH.
Table 33: PLL characteristics: updated “PLL output clock”
Table 35: Flash memory and data EEPROM characteristics:
updated all information for IDD.
Figure 19: I/O AC characteristics definition: replaced the falling
edge “tr(IO)out” by “tf(IO)out”.
Table 47: I2C characteristics: amended footnote 2.
Table 54: ADC characteristics: updated fS max value for direct
channels, 6-bit sampling rate.
Table 55: ADC accuracy: Updated the first, third and fourth fADC test
condition.
Table 59: Temperature sensor characteristics: updated typ, min,
and max values of the TS_temp parameter.
Table 73. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com