Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L476VE Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32L476VE
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476VE Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32L476VE Datasheet HTML 100Page - STMicroelectronics STM32L476VE Datasheet HTML 101Page - STMicroelectronics STM32L476VE Datasheet HTML 102Page - STMicroelectronics STM32L476VE Datasheet HTML 103Page - STMicroelectronics STM32L476VE Datasheet HTML 104Page - STMicroelectronics STM32L476VE Datasheet HTML 105Page - STMicroelectronics STM32L476VE Datasheet HTML 106Page - STMicroelectronics STM32L476VE Datasheet HTML 107Page - STMicroelectronics STM32L476VE Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 232 page
background image
Table 26. Current consumption in Run and Low-power run modes, code with data processing
running from Flash, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48MHz included,
bypass mode
PLL ON above
48 MHz all
peripherals disable
Range 2
26 MHz
2.88
2.93
3.05
3.23
3.58
3.20
3.37
3.51
3.93
4.76
mA
16 MHz
1.83
1.87
1.98
2.16
2.49
2.01
2.16
2.30
2.72
3.34
8 MHz
0.98
1.02
1.12
1.29
1.62
1.10
1.17
1.31
1.73
2.56
4 MHz
0.55
0.59
0.69
0.85
1.18
0.61
0.70
0.89
1.24
1.95
2 MHz
0.34
0.37
0.47
0.64
0.96
0.37
0.46
0.64
0.98
1.71
1 MHz
0.23
0.26
0.36
0.53
0.85
0.27
0.33
0.50
0.86
1.57
100 kHz
0.14
0.17
0.27
0.43
0.75
0.17
0.21
0.38
0.74
1.44
Range 1
80 MHz
10.2
10.3
10.5
10.7
11.1
11.22
11.8
12.1
12.5
13.3
72 MHz
9.24
9.31
9.47
9.69
10.1
10.16
10.7
11.0
11.4
12.2
64 MHz
8.25
8.32
8.46
8.68
9.09
9.08
9.6
9.9
10.3
11.1
48 MHz
6.28
6.35
6.5
6.72
7.11
6.91
7.3
7.6
8.0
8.8
32 MHz
4.24
4.30
4.44
4.65
5.04
4.66
4.97
5.26
5.67
6.51
24 MHz
3.21
3.27
3.4
3.61
3.98
3.53
3.76
4.05
4.46
5.30
16 MHz
2.19
2.24
2.36
2.56
2.94
2.41
2.66
2.95
3.16
3.99
IDD(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
all peripherals disable
2 MHz
272
303
413
592
958
330
393
579
954
1704
µA
1 MHz
154
184
293
473
835
195
265
457
822
1572
400 kHz
78
108
217
396
758
110
180
380
755
1505
100 kHz
42
73
182
360
723
75
138
331
706
1456
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com