Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L476VE Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM32L476VE
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476VE Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32L476VE Datasheet HTML 105Page - STMicroelectronics STM32L476VE Datasheet HTML 106Page - STMicroelectronics STM32L476VE Datasheet HTML 107Page - STMicroelectronics STM32L476VE Datasheet HTML 108Page - STMicroelectronics STM32L476VE Datasheet HTML 109Page - STMicroelectronics STM32L476VE Datasheet HTML 110Page - STMicroelectronics STM32L476VE Datasheet HTML 111Page - STMicroelectronics STM32L476VE Datasheet HTML 112Page - STMicroelectronics STM32L476VE Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 232 page
background image
Table 32. Current consumption in Sleep and Low-power sleep modes, Flash ON
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD(Sleep)
Supply
current in
sleep
mode,
fHCLK = fHSE up
to 48 MHz
included, bypass
mode
pll ON above
48 MHz all
peripherals
disable
Range 2
26 MHz
0.92
0.96
1.07
1.25
1.59
1.012
1.14
1.36
1.77
2.40
mA
16 MHz
0.61
0.65
0.75
0.92
1.27
0.69
0.78
0.97
1.32
2.04
8 MHz
0.36
0.40
0.50
0.66
1.01
0.42
0.50
0.68
1.03
1.75
4 MHz
0.24
0.27
0.37
0.53
0.87
0.28
0.36
0.54
0.89
1.60
2 MHz
0.18
0.20
0.30
0.47
0.81
0.215
0.29
0.46
0.82
1.53
1 MHz
0.15
0.17
0.27
0.43
0.77
0.18
0.25
0.44
0.78
1.49
100 kHz
0.12
0.14
0.24
0.41
0.74
0.15
0.21
0.39
0.74
1.44
Range 1
80 MHz
2.96
3.00
3.13
3.33
3.73
3.26
3.43
3.72
4.13
4.97
72 MHz
2.69
2.73
2.85
3.05
3.45
2.96
3.21
3.50
3.71
4.54
64 MHz
2.41
2.45
2.58
2.77
3.17
2.65
2.88
3.17
3.58
4.21
48 MHz
1.88
1.93
2.07
2.27
2.67
2.10
2.27
2.41
2.83
3.66
32 MHz
1.30
1.35
1.48
1.68
2.08
1.43
1.56
1.85
2.26
3.10
24 MHz
1.01
1.05
1.17
1.37
1.76
1.11
1.23
1.52
1.93
2.77
16 MHz
0.71
0.75
0.87
1.07
1.45
0.80
0.90
1.19
1.60
2.44
IDD(LPSleep)
Supply
current in
low-power
sleep
mode
fHCLK = fMSI
all peripherals disable
2 MHz
96
126
233
412
775
130
202
402
777
1527
µA
1 MHz
65
94
202
381
742
95
166
358
733
1483
400 kHz
43
73
181
359
718
75
138
331
706
1456
100 kHz
33
63
171
348
708
65
128
322
691
1441
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com