Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L476VE Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32L476VE
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476VE Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32L476VE Datasheet HTML 112Page - STMicroelectronics STM32L476VE Datasheet HTML 113Page - STMicroelectronics STM32L476VE Datasheet HTML 114Page - STMicroelectronics STM32L476VE Datasheet HTML 115Page - STMicroelectronics STM32L476VE Datasheet HTML 116Page - STMicroelectronics STM32L476VE Datasheet HTML 117Page - STMicroelectronics STM32L476VE Datasheet HTML 118Page - STMicroelectronics STM32L476VE Datasheet HTML 119Page - STMicroelectronics STM32L476VE Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 232 page
background image
Table 37. Current consumption in Standby mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C 125 °C
IDD(Standby)
Supply current
in Standby
mode (backup
registers
retained),
RTC disabled
no independent watchdog
1.8 V
114
355
1540
4146
10735
176
888
3850
10365 26838
nA
2.4 V
138
407
1795
4828
12451
223
1018
4488
12070 31128
3 V
150
486
2074
5589
14291
263
1215
5185
13973 35728
3.6 V
198
618
2608
6928
17499
383
1545
6520
17320
(2)
43748
with independent
watchdog
1.8 V
317
-
-
-
-
-
-
-
-
-
2.4 V
391
-
-
-
-
-
-
-
-
-
3 V
438
-
-
-
-
-
-
-
-
-
3.6 V
566
-
-
-
-
-
-
-
-
-
IDD(Standby
with RTC)
Supply current
in Standby
mode (backup
registers
retained),
RTC enabled
RTC clocked by LSI, no
independent watchdog
1.8 V
377
621
1873
4564
11318
491
1207
4250
10867 27537
nA
2.4 V
464
756
2210
5348
13166
614
1436
4986
12694 31986
3 V
572
913
2599
6219
15197
770
1727
5815
14729 36815
3.6 V
722
1144
3253
7724
18696
1012
2176
7294
18275 45184
RTC clocked by LSI, with
independent watchdog
1.8 V
456
-
-
-
-
-
-
-
-
-
2.4 V
557
-
-
-
-
-
-
-
-
-
3 V
663
-
-
-
-
-
-
-
-
-
3.6 V
885
-
-
-
-
-
-
-
-
-
RTC clocked by LSE
bypassed at 32768Hz
1.8 V
289
527
1747
4402
11009
-
-
-
-
-
nA
2.4 V
396
671
2108
5202
12869
-
-
-
-
-
3 V
528
853
2531
6095
14915
-
-
-
-
-
3.6 V
710
1111
3115
7470
18221
-
-
-
-
-
RTC clocked by LSE
quartz (3) in low drive mode
1.8 V
416
640
1862
4479
11908
-
-
-
-
-
2.4 V
514
796
2193
5236
13689
-
-
-
-
-
3 V
652
961
2589
6103
15598
-
-
-
-
-
3.6 V
821
1226
3235
7551
17947
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com