Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L476VE Datasheet(PDF) 121 Page - STMicroelectronics

Part # STM32L476VE
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476VE Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM32L476VE Datasheet HTML 117Page - STMicroelectronics STM32L476VE Datasheet HTML 118Page - STMicroelectronics STM32L476VE Datasheet HTML 119Page - STMicroelectronics STM32L476VE Datasheet HTML 120Page - STMicroelectronics STM32L476VE Datasheet HTML 121Page - STMicroelectronics STM32L476VE Datasheet HTML 122Page - STMicroelectronics STM32L476VE Datasheet HTML 123Page - STMicroelectronics STM32L476VE Datasheet HTML 124Page - STMicroelectronics STM32L476VE Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 232 page
background image
DocID025976 Rev 4
121/232
STM32L476xx
Electrical characteristics
207
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 40. The MCU is placed
under the following conditions:
•
All I/O pins are in Analog mode
•
The given value is calculated by measuring the difference of the current consumptions:
–
when the peripheral is clocked on
–
when the peripheral is clocked off
•
Ambient operating temperature and supply voltage conditions summarized in Table 19:
Voltage characteristics
•
The power consumption of the digital part of the on-chip peripherals is given in
Table 40. The power consumption of the analog part of the peripherals (where
applicable) is indicated in each related section of the datasheet.
Table 40. Peripheral current consumption
Peripheral
Range 1
Range 2
Low-power run
and sleep
Unit
AHB
Bus Matrix(1)
4.5
3.7
4.1
µA/MHz
ADC independent clock domain
0.4
0.1
0.2
ADC AHB clock domain
5.5
4.7
5.5
CRC
0.4
0.2
0.3
DMA1
1.4
1.3
1.4
DMA2
1.5
1.3
1.4
FLASH
6.2
5.2
5.8
FMC
8.9
7.5
8.4
GPIOA(2)
4.8
3.8
4.4
GPIOB(2)
4.8
4.0
4.6
GPIOC(2)
4.5
3.8
4.3
GPIOD(2)
4.6
3.9
4.4
GPIOE(2)
5.2
4.5
4.9
GPIOF(2)
5.9
4.9
5.7
GPIOG(2)
4.3
3.8
4.2
GPIOH(2)
0.7
0.6
0.8
OTG_FS independent clock
domain
23.2
NA
NA
OTG_FS AHB clock domain
16.4
NA
NA
QUADSPI
7.8
6.7
7.3
RNG independent clock domain
2.2
NA
NA
RNG AHB clock domain
0.6
NA
NA
SRAM1
0.9
0.8
0.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com