Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151R6 Datasheet(PDF) 126 Page - STMicroelectronics

Part # STM32L151R6
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151R6 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button STM32L151R6 Datasheet HTML 122Page - STMicroelectronics STM32L151R6 Datasheet HTML 123Page - STMicroelectronics STM32L151R6 Datasheet HTML 124Page - STMicroelectronics STM32L151R6 Datasheet HTML 125Page - STMicroelectronics STM32L151R6 Datasheet HTML 126Page - STMicroelectronics STM32L151R6 Datasheet HTML 127Page - STMicroelectronics STM32L151R6 Datasheet HTML 128Page - STMicroelectronics STM32L151R6 Datasheet HTML 129Page - STMicroelectronics STM32L151R6 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 133 page
background image
Revision history
STM32L151x6/8/B STM32L152x6/8/B
126/133
DocID17659 Rev 12
9
Revision history
Table 73. Document revision history
Date
Revision
Changes
02-Jul-2010
1
Initial release.
01-Oct-2010
2
Removed 5 V tolerance (FT) from PA3, PB0 and PC3 in Table 8:
STM32L15xx6/8/B pin definitions
Updated Table 14: Embedded reset and power control block
characteristics
Updated Table 16: Embedded internal reference voltage
Added Table 53: ADC clock frequency
Updated Table 54: ADC characteristics
16-Dec-2010
3
Modified consumptions on page 1 and in Section 3.1: Low power
modes
LED_SEG8 removed on PB6.
Updated Section 6: Electrical characteristics
VFQFPN48 replaced by UFQFPN48
25-Feb-2011
4
Section 3.3.2: Power supply supervisor: updated note.
Table 8: STM32L15xx6/8/B pin definitions: modified main function
(after reset) and alternate function for OSC_IN and OSC_OUT pins;
modified footnote 5; added footnote to OSC32_IN and OSC32_OUT
pins; C1 and D1 removed on PD0 and PD1 pins (TFBGA64
column).
Section 3.11: DAC (digital-to-analog converter): updated bullet list.
Table 10: Voltage characteristics on page 52: updated footnote 3
regarding IINJ(PIN).
Table 11: Current characteristics on page 52: updated footnote 4
regarding positive and negative injection.
Table 14: Embedded reset and power control block characteristics
on page 54: updated typ and max values for TRSTTEMPO (VDD
rising, BOR enabled).
Table 17: Current consumption in Run mode, code with data
processing running from Flash on page 58: removed values for HSI
clock source (16 MHz), Range 3.
Table 18: Current consumption in Run mode, code with data
processing running from RAM on page 59: removed values for HSI
clock source (16 MHz), Range 3.
Table 19: Current consumption in Sleep mode on page 60 removed
values for HSI clock source (16 MHz), Range 3 for both RAM and
Flash; changed units.
Table 20: Current consumption in Low power run mode on page 62:
updated parameter and max value of IDD Max (LP Run).
Table 21: Current consumption in Low power sleep mode on
page 63: updated symbol, parameter, and max value of IDD Max (LP
Sleep).
Table 22: Typical and maximum current consumptions in Stop mode
on page 64 updated values for IDD (Stop with RTC) - RTC clocked by
LSE external clock (32.768 kHz), regulator in LP mode, HSI and
HSE OFF (no independent watchdog).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com