Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L476RC Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32L476RC
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476RC Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32L476RC Datasheet HTML 109Page - STMicroelectronics STM32L476RC Datasheet HTML 110Page - STMicroelectronics STM32L476RC Datasheet HTML 111Page - STMicroelectronics STM32L476RC Datasheet HTML 112Page - STMicroelectronics STM32L476RC Datasheet HTML 113Page - STMicroelectronics STM32L476RC Datasheet HTML 114Page - STMicroelectronics STM32L476RC Datasheet HTML 115Page - STMicroelectronics STM32L476RC Datasheet HTML 116Page - STMicroelectronics STM32L476RC Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 232 page
background image
Table 35. Current consumption in Stop 1 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
--
VDD
25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C 125 °C
IDD (Stop 1)
Supply current
in Stop 1
mode,
RTC disabled
-
LCD
disabled
1.8 V
6.59
24.7
92.7
208
437
16
62
232
520
1093
µA
2.4 V
6.65
24.8
92.9
209
439
17
62
232
523
1098
3 V
6.65
24.9
93.3
210
442
17
62
233
525
1105
3.6 V
6.70
25.1
93.8
212
447
17
63
235
530
1118
-
LCD
enabled(2)
clocked by
LSI
1.8 V
7.00
25.2
97.2
219
461
18
63
243
548
1153
2.4 V
7.14
25.4
97.5
220
463
18
64
244
550
1158
3 V
7.24
25.7
97.7
221
465
18
64
244
553
1163
3.6 V
7.36
26.1
98.7
223
471
18
65
247
558
1178
IDD (Stop 1
with RTC)
Supply current
in stop 1
mode,
RTC enabled
RTC clocked by
LSI
LCD
disabled
1.8 V
6.88
25.0
93.1
209
439
17
63
233
523
1098
µA
2.4 V
7.02
25.2
93.7
210
441
18
63
234
525
1103
3 V
7.12
25.4
94.2
212
444
18
64
236
530
1110
3.6 V
7.25
25.7
95.2
214
449
18
64
238
535
1123
LCD
enabled(2)
1.8 V
7.01
26.1
99.0
223
467
18
65
248
558
1168
2.4 V
7.14
26.3
99.6
225
470
18
66
249
563
1175
3 V
7.31
26.6
100.0
226
474
18
67
250
565
1185
3.6 V
7.41
26.9
102.0
229
480
19
67
255
573
1200
RTC clocked by
LSE bypassed
at 32768 Hz
LCD
disabled
1.8 V
6.91
25.2
93.4
210
440
17
63
234
525
1100
2.4 V
7.04
25.3
94.2
211
443
18
63
236
528
1108
3 V
7.19
25.7
95.0
212
446
18
64
238
530
1115
3.6 V
7.97
26.0
96.1
215
451
20
65
240
538
1128
RTC clocked by
LSE quartz(3) in
low drive mode
LCD
disabled
1.8 V
6.85
25.0
93.0
208.3
-
17
63
233
521
-
2.4 V
6.94
25.1
93.2
209.3
-
17
63
233
523
-
3 V
7.10
25.2
93.6
210.3
-
18
63
234
526
-
3.6 V
7.34
25.4
94.1
212.3
-
18
64
235
531
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com