Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L476RC Datasheet(PDF) 231 Page - STMicroelectronics

Part # STM32L476RC
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476RC Datasheet(HTML) 231 Page - STMicroelectronics

Back Button STM32L476RC Datasheet HTML 224Page - STMicroelectronics STM32L476RC Datasheet HTML 225Page - STMicroelectronics STM32L476RC Datasheet HTML 226Page - STMicroelectronics STM32L476RC Datasheet HTML 227Page - STMicroelectronics STM32L476RC Datasheet HTML 228Page - STMicroelectronics STM32L476RC Datasheet HTML 229Page - STMicroelectronics STM32L476RC Datasheet HTML 230Page - STMicroelectronics STM32L476RC Datasheet HTML 231Page - STMicroelectronics STM32L476RC Datasheet HTML 232Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 231 / 232 page
background image
DocID025976 Rev 4
231/232
STM32L476xx
Revision history
231
03-Dec-2015
4
In all the document:
– Stop 1 with main regulator becomes Stop 0
– Stop 1 with low-power regulator remains as Stop 1.
In Section 4: Pinouts and pin description:
– PC14/OSC32_IN becomes PC14-OSC32_IN (PC14)
– PC15/OSC32_OUT becomes PC15-OSC32_OUT
(PC15)
– PH0/OSC_IN becomes PH0-OSC_IN (PH0)
– PH1/OSC_OUT becomes PH1-OSC_OUT (PH1)
– PA13 becomes PA13 (JTMS-SWDIO)
– PA14 becomes PA14 (JTCK-SWCLK)
– PA15 becomes PA15 (JTDI)
– PB3 becomes PB3 (JTDO-TRACESWO)
– PB4 becomes PB4 (NJTRST).
Added Table 12: STM32L4x6 USART/UART/LPUART
features.
Added Note 5.
Updated Table 25: Embedded internal voltage
reference.
Updated Table 34: Current consumption in Stop 2 mode.
Updated Table 35: Current consumption in Stop 1 mode.
Updated Table 36: Current consumption in Stop 0 mode.
Updated Table 37: Current consumption in Standby
mode.
Updated Table 38: Current consumption in Shutdown
mode.
Updated Table 41: Low-power mode wakeup timings.
Added Figure 15: VREFINT versus temperature.
Updated Figure 20: HSI16 frequency versus
temperature.
Updated Table 58: I/O static characteristics.
Updated Table 69: DAC characteristics.
Updated Figure 52: UFBGA132 - 132-ball, 7 x 7 mm
ultra thin fine pitch ball grid array package outline.
Updated Table 105: UFBGA132 - 132-ball, 7 x 7 mm
ultra thin fine pitch ball grid array package mechanical
data.
Table 115. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com