| Electronic Components Datasheet Search |
|
OMAP3530ECBBA Datasheet(PDF) 193 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBBA Datasheet(HTML) 193 Page - Texas Instruments |
|
193 / 265 page ![]() cam_xclki cam_pclk cam_vs cam_hs cam_d[7:0] cam_wen cam_fld FRAME(0) FRAME(0) L(0) L(n-1) L(0) D(0) D(n-3) D(n-2) D(n-1) D(0) D(1) D(2) D(n-1) PAIR IMPAIR ISP1 ISP2 ISP2 ISP3 ISP4 ISP4 ISP13 ISP5 ISP7 ISP8 ISP9 ISP6 ISP14 ISP10 ISP11 ISP12 030-060 OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 Figure 6-26. ISP – 8-bit Packed SYNC – Interlaced Mode(1) (2) (3) (4) (10) (1) The polarity of cam_pclk, cam_fld, cam_vs, and cam_hs are configurable. (2) The image sensor must be connected to the lower data lines and the unused lines must be grounded. However, it is possible to shift the data to 0, 2, or 4 data internal lanes. The bit configurations are: cam_d[11:4] or cam_d[7:0] in 8-bit packed mode. (3) Optionally, the data write to memory can be qualified by the external cam_wen signal. The cam_wen signal can be used as a external memory write-enable signal. The data is stored to memory only if cam_hs, cam_vs, and cam_wen signals are asserted. (4) The camera module can pack 8-bit data into 16 bits. It doubles the maximum pixel clock. This mode can be particularly useful to transfer a YCbCr data stream or compressed stream to memory at very high speed. (5) In cam_xclki; I is equal to a or b. 6.5.1.1.2 ITU Mode Table 6-35 and Table 6-36 assume testing over the recommended operating conditions and electrical characteristic conditions (see Figure 6-27). Table 6-34. ISP Timing Conditions – ITU Mode TIMING CONDITION PARAMETER VALUE UNIT Input Conditions tR Input signal rise time 2.7 ns Copyright © 2008–2013, Texas Instruments Incorporated TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS 193 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |