Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 195 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 195 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 191Page - Silicon Laboratories EM357-RTR Datasheet HTML 192Page - Silicon Laboratories EM357-RTR Datasheet HTML 193Page - Silicon Laboratories EM357-RTR Datasheet HTML 194Page - Silicon Laboratories EM357-RTR Datasheet HTML 195Page - Silicon Laboratories EM357-RTR Datasheet HTML 196Page - Silicon Laboratories EM357-RTR Datasheet HTML 197Page - Silicon Laboratories EM357-RTR Datasheet HTML 198Page - Silicon Laboratories EM357-RTR Datasheet HTML 199Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 241 page
background image
195
Rev 1.3
11.3. Non-Maskable Interrupt (NMI)
The non-maskable interrupt (NMI) is a special case. Despite being one of the 10 standard ARM® CortexTM-M3
NVIC interrupts, it is sourced from the Event Manager like a peripheral interrupt. The NMI has two second-level
sources; failure of the 24 MHz crystal and watchdog low water mark.
1. Failure of the 24 MHz crystal: If the EM35x's main clock, SYSCLK, is operating from the 24 MHz crystal
and the crystal fails, the EM35x detects the failure and automatically switches to the internal 12 MHz RC
clock. When this failure detection and switch has occurred, the EM35x triggers the CLK24M_FAIL second-
level interrupt, which then triggers the NMI.
2. Watchdog low water mark: If the EM35x's watchdog is active and the watchdog counter has not been reset
for nominally 1.792 s, the watchdog triggers the WATCHDOG_INT second-level interrupt, which then
triggers the NMI.
11.4. Faults
Four of the exceptions in the NVIC are faults: Hard Fault, Memory Fault, Bus Fault, and Usage Fault. Of these,
three (Hard Fault, Memory Fault, and Usage Fault) are standard ARM® CortexTM-M3 exceptions.
The Bus Fault, though, is derived from EM35x-specific sources. The Bus Fault sources are recorded in the
SCS_AFSR register. Note that it is possible for one access to set multiple SCS_AFSR bits. Also note that MPU
configurations could prevent most of these bus fault accesses from occurring, with the advantage that illegal writes
are made precise faults. The four bus faults are:

WRONGSIZE—Generated by an 8-bit or 16-bit read or write of an APB peripheral register. This fault can
also result from an unaligned 32-bit access.

PROTECTED—Generated by a user mode (unprivileged) write to a system APB or AHB peripheral or
protected RAM (see "5.2.2.3. RAM Memory Protection" on page 33).

RESERVED—Generated by a read or write to an address within an APB peripheral's 4 kB block range, but
the address is above the last physical register in that block range. Also generated by a read or write to an
address above the top of RAM or flash.

MISSED—Generated by a second SCS_AFSR fault. In practice, this bit is not seen since a second fault
also generates a hard fault, and the hard fault preempts the bus fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com