Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 233 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 233 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 229Page - Silicon Laboratories EM357-RTR Datasheet HTML 230Page - Silicon Laboratories EM357-RTR Datasheet HTML 231Page - Silicon Laboratories EM357-RTR Datasheet HTML 232Page - Silicon Laboratories EM357-RTR Datasheet HTML 233Page - Silicon Laboratories EM357-RTR Datasheet HTML 234Page - Silicon Laboratories EM357-RTR Datasheet HTML 235Page - Silicon Laboratories EM357-RTR Datasheet HTML 236Page - Silicon Laboratories EM357-RTR Datasheet HTML 237Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 241 page
background image
Rev 1.3
233
BLOCK
ADC
4000D000 - 4000DFFF Analog to Digital Converter
Address
Name
Type
Reset
Description
4000D000
ADC_DATA
R
0
ADC Data Register
4000D004
ADC_CFG
RW
00001800
ADC Configuration Register
4000D008
ADC_OFFSET
RW
0000
ADC Offset Register
4000D00C
ADC_GAIN
RW
8000
ADC Gain Register
4000D010
ADC_DMACFG
RW
0
ADC DMA Configuration Register
4000D014
ADC_DMASTAT
R
0
ADC DMA Status Register
4000D018
ADC_DMABEG
RW
20000000
ADC DMA Begin Address Register
4000D01C
ADC_DMASIZE
RW
0
ADC DMA Buffer Size Register
4000D020
ADC_DMACUR
R
20000000
ADC DMA Current Address Register
4000D024
ADC_DMACNT
R
0
ADC DMA Count Register
BLOCK
TIM1
4000E000 - 4000EFFF General Purpose Timer 1
Address
Name
Type
Reset
Description
4000E000
TIM1_CR1
RW
0
Timer 1 Control Register 1
4000E004
TIM1_CR2
RW
0
Timer 1 Control Register 2
4000E008
TIM1_SMCR
RW
0
Timer 1 Slave Mode Control Register
4000E014
TIM1_EGR
RW
0
Timer 1 Event Generation Register
4000E018
TIM1_CCMR1
RW
0
Timer 1 Capture/Compare Mode Register 1
4000E01C
TIM1_CCMR2
RW
0
Timer 1 Capture/Compare Mode Register 2
4000E020
TIM1_CCER
RW
0
Timer 1 Capture/Compare Enable Register
4000E024
TIM1_CNT
RW
0
Timer 1 Counter Register
4000E028
TIM1_PSC
RW
0
Timer 1 Prescaler Register
4000E02C
TIM1_ARR
RW
FFFF
Timer 1 Auto-Reload Register
4000E034
TIM1_CCR1
RW
0
Timer 1 Capture/Compare Register 1
4000E038
TIM1_CCR2
RW
0
Timer 1 Capture/Compare Register 2
4000E03C
TIM1_CCR3
RW
0
Timer 1 Capture/Compare Register 3
4000E040
TIM1_CCR4
RW
0
Timer 1 Capture/Compare Register 4
4000E050
TIM1_OR
RW
0
Timer 1 Option Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com