Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366-XXX/VLA Datasheet(PDF) 207 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 207 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 203Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 204Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 205Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 206Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 207Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 208Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 209Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 210Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 211Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 240 page
background image
12.0 Temperature Sensor (TMS) (Continued)
207
www.national.com
The transistor must be a small-signal type with a relatively high forward voltage; otherwise, the A/D input voltage range can
be violated. The forward voltage must be greater than 0.25V at 10
µA at the highest expected temperature. The forward volt-
age must be less than 0.95V at 100
µA at the lowest expected temperature. Large power transistors do not work. Also, en-
sure that the base resistance is less than 100
Ω. Tight specifications for forward-current gain (+50 to +150, for example)
indicate devices with consistent VBE characteristics.
Thermal mass can seriously degrade the temperature sensor’s effective accuracy. The use of smaller packages for remote
sensors, such as SOT23s, improves the situation. The delay effect should be expected when measuring temperature using
the internal diode.
Table 56. Remote Sensor Transistor Manufacturers
12.5.2
ADC Noise Filtering
The ADC is an integrating type with inherently good noise rejection, especially of low-frequency signals such as power sup-
ply hum. Micropower operation places constraints on high frequency noise rejection; therefore, careful PC board layout and
proper external noise filtering are required for high accuracy remote measurements in electrically noisy environments.
High frequency EMI is best filtered at DXP and DXN with an external 2200 pF capacitor. This value can be increased to
about 3300pF (max), including cable capacitance. Capacitance higher than 3300 pF introduces errors, due to the rise time
of the switched current source.
Nearly all noise sources tested cause the ADC measurements to be higher than the actual temperature, depending on the
frequency and amplitude.
12.5.3
PC Board Layout
1. Place the temperature sensor as close as practical to the remote diode. In a noisy environment, such as a computer
motherboard, this distance can be 4 in. to 8 in. (typical) or more, as long as the worst noise sources (such as CRTs, clock
generators, memory buses, and ISA/PCI buses) are avoided.
2. Do not route the DXP DXN lines next to high inductance signals. Also, do not route the traces across a fast memory bus,
which can easily introduce +30˚C error, even with good filtering. Otherwise, most noise sources are fairly benign.
3. Route the DXP and DXN traces in parallel and in close proximity to each other, away from any high voltage traces such
as +12VDC. Beware of leakage currents from PC board contamination; e.g., a 20M leakage path from DXP to ground
causes about +1˚C error.
4. Connect guard traces to GND on either side of the DXP DXN traces (Figure 45). With guard traces in place, routing near
high-voltage traces is not a problem.
5. Route through as few vias and crossunders as possible to minimize copper/solder thermocouple effects.
6. When introducing a thermocouple, make sure that both the DXP and the DXN paths have matching thermocouples. In
general, PC board-induced thermocouples are not a serious problem. A copper-solder thermocouple exhibits 3V/˚C, and
it takes about 200V of voltage error at DXP DXN to cause a +1˚C measurement error. So, most parasitic thermocouple
errors are swamped out.
7. Use wide traces. Narrow ones are more inductive and tend to pick up radiated noise. The 10 mil widths and spacings
recommended in Figure 45 are not absolutely necessary (as they offer only a minor improvement in leakage and noise),
but try to use them where practical.
Manufacturer
Model
Central Semiconductor (USA)
CMPT3904
Motorola (USA)
MMBT3904
National Semiconductor (USA)
MMBT3904
Rohm Semiconductor (Japan)
SST3904
Samsung (Korea)
KST3904-TF
Siemens (Germany)
SMBT3904
Zetex (England)
FMMT3904CT-ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com