Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T-075100 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # T-075100
Description  High-Frequency SMT Balun Adaptor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T-075100 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  T-075100 Datasheet HTML 1Page - Pulse A Technitrol Company T-075100 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M132.A (3/13)
1
pulseelectronics.com
High-Frequency SMT Balun Adaptor
Military/Aerospace Grade
T-050XXX1
Transforms a balanced differential signal to a
50 Ω or 75 Ω, Grounded unbalanced signal
Wide bandwidth 1.0 MHz – 1.485 GHz
Operating Temperature -40°C to 85°C
Characteristics
Part Number
Impedance
Unbalanced
Impedance
Balanced
Insertion Loss
(dB MAX)
1.0 MHz - 1.485 GHz
Return Loss
(dB MIN)
1.0 MHz - 1.485 GHz
T-050150
50
150
-2
12 dB
T-050100
50
100
-2
12 dB
T-050078
50
78
-2
12 dB
T-075100
75
100
-2
12 dB
Mechanical
Schematic
MAX.
MAX.
MAX.
.310
7,87
.210
5,33
.060
1,52
.200
5,08
.100
2,54
.255
6,47
.050
2X 1,27
.040
6X 1,02
PIN 1
INDENTIFICATION
PIN 1
INDENTIFICATION
PART NUMBER
DATE CODE
CTRY ORIGIN
PATENT NO.
6590469
1
2
6
5
4


Similar Part No. - T-075100

ManufacturerPart #DatasheetDescription
logo
CUI INC
T-0006 CUI-T-0006 Datasheet
29Kb / 1P
   CRIMP PIN
logo
CommScope Inc.
T-029-GL-E COMMSCOPE-T-029-GL-E Datasheet
528Kb / 3P
   12-port sector antenna, 4x 698–960 and 8x 1710–2690 MHz, 65° HPBW, 6x RET with manual override. Bands cascaded SRET (Antenna 1 and Antenna 2).
February 8, 2020
logo
Aries Electronics, Inc.
T-0600 ARIES-T-0600 Datasheet
360Kb / 1P
   Strip Header/Socket Break Tool
More results

Similar Description - T-075100

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
HFB075100A PULSE-HFB075100A Datasheet
2Mb / 2P
   HIGH FREQUENCY BALUN ADAPTOR For SMPTE-292M HDTV
HFBM075100C PULSE-HFBM075100C Datasheet
156Kb / 1P
   HIGH FREQUENCY BALUN ADAPTOR For SMPTE-292M HDTV
HFBM075100S PULSE-HFBM075100S Datasheet
132Kb / 1P
   HIGH FREQUENCY BALUN ADAPTOR For SMPTE-292M HDTV
HFB050150 PULSE-HFB050150 Datasheet
660Kb / 2P
   HIGH FREQUENCY BALUN ADAPTER
logo
List of Unclassifed Man...
HFT1220-15RO-J ETC2-HFT1220-15RO-J Datasheet
107Kb / 1P
   SMT High Frequency Chip Thermistor
logo
Wurth Elektronik GmbH &...
7447629015 WURTH-7447629015 Datasheet
657Kb / 6P
   WE-GFH High Frequency SMT Inductor
002.001
logo
Raltron Electronics Cor...
RBL-1608-AM8-TR RALTRON-RBL-1608-AM8-TR Datasheet
405Kb / 3P
   BALUN
RBL-2012-A8-TR RALTRON-RBL-2012-A8-TR Datasheet
422Kb / 3P
   BALUN
logo
Pulse A Technitrol Comp...
PA1836NL PULSE-PA1836NL Datasheet
279Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS EFD20 Platforms - SMT
logo
YAGEO Corporation
BLN1608LL01R5000A YAGEO-BLN1608LL01R5000A Datasheet
638Kb / 6P
   Balun
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com