Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2685FIBZUT7 Datasheet(PDF) 147 Page - Texas Instruments

Part # TNETV2685FIBZUT7
Description  Digital Media Processor
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2685FIBZUT7 Datasheet(HTML) 147 Page - Texas Instruments

Back Button TNETV2685FIBZUT7 Datasheet HTML 143Page - Texas Instruments TNETV2685FIBZUT7 Datasheet HTML 144Page - Texas Instruments TNETV2685FIBZUT7 Datasheet HTML 145Page - Texas Instruments TNETV2685FIBZUT7 Datasheet HTML 146Page - Texas Instruments TNETV2685FIBZUT7 Datasheet HTML 147Page - Texas Instruments TNETV2685FIBZUT7 Datasheet HTML 148Page - Texas Instruments TNETV2685FIBZUT7 Datasheet HTML 149Page - Texas Instruments TNETV2685FIBZUT7 Datasheet HTML 150Page - Texas Instruments TNETV2685FIBZUT7 Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 191 page
background image
17
15
38
5
16
13
18
34
35
4
HCS (input)
HAS (input)
HSTROBE(A)
(input)
HR/W (input)
HRDY(B) (output)
HD[31:0] (input)
HCNTL[1:0]
(input)
37
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
A.
HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT (HDS1 XOR HDS2)] OR HCS.
B.
Depending on the type of write or read operation (HPID without auto-incrementing; HPIA, HPIC, or HPID with auto-
incrementing) and the state of the FIFO, transitions on HRDY may or may not occur. For more detailed information on
the HPI peripheral, see the TMS320DM647/DM648 DSP Host Port Interface (HPI) User's Guide (literature number
SPRUEL5)
Figure 6-46. HPI32 Write Timing (HAS Not Used, Tied High)
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
147
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com