Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENICSF2811PBKA Datasheet(PDF) 159 Page - Texas Instruments

Part # ENICSF2811PBKA
Description  Digital Signal Processors
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ENICSF2811PBKA Datasheet(HTML) 159 Page - Texas Instruments

Back Button ENICSF2811PBKA Datasheet HTML 155Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 156Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 157Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 158Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 159Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 160Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 161Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 162Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 172 page
background image
larger)
is
whichever
1,
or
integer,
highest
next
the
to
up
(round
1
t
t
State
Wait
Random
ROM
c(SCO)
a(rr)
ú
ú
û
ù
ê
ê
ë
é
-
÷
÷
ø
ö
ç
ç
è
æ
=
larger)
is
whichever
0,
or
integer,
highest
next
the
to
up
(round
1
t
t
State
Wait
Page
ROM
c(SCO)
a(rp)
ú
ú
û
ù
ê
ê
ë
é
-
÷
÷
ø
ö
ç
ç
è
æ
=
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174T – APRIL 2001 – REVISED MAY 2012
6.33 ROM Timing (C281x only)
Table 6-65. ROM Access Timing
PARAMETER
MIN
MAX
UNIT
ta(rp)
Paged ROM access time
23
ns
ta(rr)
Random ROM access time
23
ns
ta(ROM)
ROM (OTP area) access time(1)
60
ns
(1)
In C281x devices, a 1K × 16 ROM block replaces the OTP block found in Flash devices.
Table 6-66. Minimum Required ROM Wait States at Different Frequencies (C281x devices)
SYSCLKOUT (MHz)
SYSCLKOUT (ns)
PAGE WAIT STATE(1)
RANDOM WAIT STATE(1) (2)
150
6.67
3
3
120
8.33
2
2
100
10
2
2
75
13.33
1
1
50
20
1
1
30
33.33
0
1
25
40
0
1
15
66.67
0
1
4
250
0
1
(1)
Formulas to compute page wait state and random wait state:
(2)
Random wait state must be greater than or equal to 1.
Copyright © 2001–2012, Texas Instruments Incorporated
Electrical Specifications
159
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com