Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENICSF2811PBKA Datasheet(PDF) 144 Page - Texas Instruments

Part # ENICSF2811PBKA
Description  Digital Signal Processors
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ENICSF2811PBKA Datasheet(HTML) 144 Page - Texas Instruments

Back Button ENICSF2811PBKA Datasheet HTML 140Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 141Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 142Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 143Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 144Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 145Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 146Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 147Page - Texas Instruments ENICSF2811PBKA Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 172 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174T – APRIL 2001 – REVISED MAY 2012
www.ti.com
6.30.2 ADC Electrical Characteristics Over Recommended Operating Conditions
Table 6-44. DC Specifications(1)
PARAMETER
MIN
TYP
MAX
UNIT
Resolution
12
Bits
1
kHz
ADC clock(2)
25
MHz
ACCURACY
INL (Integral nonlinearity)(3)
1–18.75 MHz ADC clock
±1.5
LSB
DNL (Differential nonlinearity)(3)
1–18.75 MHz ADC clock
±1
LSB
Offset error(4)
–80
80
LSB
F281x
–200
200
Overall gain error with internal reference(5)
LSB
C281x
–80
80
Overall gain error with external reference(6)
If ADCREFP – ADCREFM = 1 V ± 0.1%
–50
50
LSB
Channel-to-channel offset variation
±8
LSB
Channel-to-channel Gain variation
±8
LSB
ANALOG INPUT
Analog input voltage (ADCINx to ADCLO)(7)
0
3
V
ADCLO
–5
0
5
mV
Input capacitance
10
pF
Input leakage current
3
±5
µA
INTERNAL VOLTAGE REFERENCE(5)
Accuracy, ADCVREFP
1.9
2
2.1
V
Accuracy, ADCVREFM
0.95
1
1.05
V
Voltage difference, ADCREFP – ADCREFM
1
V
Temperature coefficient
50
PPM/°C
Reference noise
100
µV
EXTERNAL VOLTAGE REFERENCE(6)
Accuracy, ADCVREFP
1.9
2
2.1
V
Accuracy, ADCVREFM
0.95
1
1.05
V
Input voltage difference, ADCREFP – ADCREFM
0.99
1
1.01
V
(1)
Tested at 12.5-MHz ADCCLK.
(2)
If SYSCLKOUT
≤ 25 MHz, ADC clock ≤ SYSCLKOUT/2.
(3)
The INL degrades for frequencies beyond 18.75 MHz–25 MHz. Applications that require these sampling rates should use a 20K resistor
as bias resistor on the ADCRESEXT pin. This improves overall linearity and typical current drawn by the ADC will be a few mA more
than 24.9-k
Ω bias. The ADC module in C281x devices can operate at 24.9k bias on ADCRESEXT pin for the full range 1–25 MHz.
(4)
1 LSB has the weighted value of 3.0/4096 = 0.732 mV.
(5)
A single internal band gap reference (±5% accuracy) sources both ADCREFP and ADCREFM signals, and hence, these voltages track
together. The ADC converter uses the difference between these two as its reference. The total gain error will be the combination of the
gain error shown here and the voltage reference accuracy (ADCREFP – ADCREFM). A software-based calibration procedure is
recommended for better accuracy. See the F2810, F2811, and F2812 ADC Calibration Application Report (literature number SPRA989)
and Section 5.2, Documentation Support, for relevant documents.
(6)
In this mode, the accuracy of external reference is critical for overall gain. The voltage difference (ADCREFP – ADCREFM) will
determine the overall accuracy.
(7)
Voltages above VDDA + 0.3 V or below VSS – 0.3 V applied to an analog input pin may temporarily affect the conversion of another pin.
To avoid this, the analog inputs should be kept within these limits.
144
Electrical Specifications
Copyright © 2001–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com