Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2685ZUTA5 Datasheet(PDF) 114 Page - Texas Instruments

Part # TNETV2685ZUTA5
Description  Digital Media Processor
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2685ZUTA5 Datasheet(HTML) 114 Page - Texas Instruments

Back Button TNETV2685ZUTA5 Datasheet HTML 110Page - Texas Instruments TNETV2685ZUTA5 Datasheet HTML 111Page - Texas Instruments TNETV2685ZUTA5 Datasheet HTML 112Page - Texas Instruments TNETV2685ZUTA5 Datasheet HTML 113Page - Texas Instruments TNETV2685ZUTA5 Datasheet HTML 114Page - Texas Instruments TNETV2685ZUTA5 Datasheet HTML 115Page - Texas Instruments TNETV2685ZUTA5 Datasheet HTML 116Page - Texas Instruments TNETV2685ZUTA5 Datasheet HTML 117Page - Texas Instruments TNETV2685ZUTA5 Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 191 page
background image
AECLKOUT
ACEx
ABE[1:0]
AEA[23:0]/
ABA[1:0]
AED[15:0]
AAOE ASOE
/
AR/W
AAWE ASWE
/
AARDY
Byte Enables
Address
Read Data
Hold = 1
2
Strobe = 4
Setup = 1
2
2
4
10
10
1
1
1
3
DEASSERTED
AECLKOUT
ACEx
ABE[1:0]
AEA[23:0]/
ABA[1:0]
AED[15:0]
AAOE ASOE
/
(A)
AR/W
AAWE ASWE
/
(A)
AARDY (B)
Byte Enables
Address
Write Data
Hold = 1
12
Strobe = 4
Setup = 1
12
12
12
12
13
13
11
11
11
11
11
DEASSERTED
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
A.
AAOE/ASOE and AAWE/ASWE operate as AAOE/ASOE (identified under select signals) and AAWE/ASWE,
respectively, during asynchronous memory accesses.
B.
Polarity of the AARDY signal is programmable through the AP field of the EMIFA Async Wait Cycle Configuration
register (AWCC).
Figure 6-21. Asynchronous Memory Read Timing for EMIFA
A.
AAOE/ASOE and AAWE/ASWE operate as AAOE/ASOE and AAWE/ASWE (identified under select signals) during
asynchronous memory accesses.
B.
Polarity of the AARDY signal is programmable through the AP field of the EMIFA Async Wait Cycle Configuration
register (AWCC).
Figure 6-22. Asynchronous Memory Write Timing for EMIFA
114
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com