Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9777 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9777
Description  High precision output voltage
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9777 Datasheet HTML 8Page - STMicroelectronics L9777 Datasheet HTML 9Page - STMicroelectronics L9777 Datasheet HTML 10Page - STMicroelectronics L9777 Datasheet HTML 11Page - STMicroelectronics L9777 Datasheet HTML 12Page - STMicroelectronics L9777 Datasheet HTML 13Page - STMicroelectronics L9777 Datasheet HTML 14Page - STMicroelectronics L9777 Datasheet HTML 15Page - STMicroelectronics L9777 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Functional description
L9777
12/25
DocID13496 Rev 4
In both cases, if the output voltage VCC becomes lower than 2.0V (typ) than NMI may go
immediately low without any delay. The NMI low signal is guaranteed for an output voltage
VCC greater than 1V.
When VCC returns over VCCUN threshold NMI goes high with a filter time TRD. This time is
obtained by 127 period of an oscillator with an additional initial time. The oscillator period is
given by:
TOSC
VDU VDRL
 CD

IRC
-----------------------------------------------------------
VDU VDRL
 CD

IRD
-----------------------------------------------------------
+
=
where:
ICR = 20 μA (typ) is a current internally generated,
IDR = 20 μA (typ) is a current internally generated,
VDU = 1.24 V and VDRL = 0.62 V are two typical internal thresholds,
CD is the external capacitance on pin D.
TRD is given by:
TRD (s) = T0 + 127 x TOSC = 0.62*10-3 + 7.874* 106 * CD (typ)
Where T0 is the initial ramp between 0 V and VDU as in Figure 8.
Figure 8. Reset time diagram
If NMI output goes to 0 V for filter time TRESDF (which is fixed by external cap on TIMING
pin) also the RESET signal goes to 0 V. RESET low signal is guaranteed for VCC > 1 V.
Figure 9. Filter time between NMI and RESET


Similar Part No. - L9777

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L9777-02 HAMAMATSU-L9777-02_15 Datasheet
256Kb / 2P
CW laser diodes
logo
STMicroelectronics
L9777A STMICROELECTRONICS-L9777A Datasheet
481Kb / 25P
Low power voltage regulator
L9777B STMICROELECTRONICS-L9777B Datasheet
481Kb / 25P
Low power voltage regulator
L9777B13TR STMICROELECTRONICS-L9777B13TR Datasheet
481Kb / 25P
Low power voltage regulator
L9777C STMICROELECTRONICS-L9777C Datasheet
481Kb / 25P
Low power voltage regulator
More results

Similar Description - L9777

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
logo
Panasonic Semiconductor
AN8150FB PANASONIC-AN8150FB Datasheet
1Mb / 19P
Octal, high precision 13-bit voltage output DAC
logo
Texas Instruments
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
logo
Linear Integrated Syste...
LT6658BHMSE-2.5 LINEAR-LT6658BHMSE-2.5 Datasheet
2Mb / 30P
Precision Dual Output, High Current, Low Noise, Voltage Reference
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Maxim Integrated Produc...
MAX6072 MAXIM-MAX6072 Datasheet
1Mb / 21P
High-Precision, Dual-Output Series Voltage Reference
19-7483; Rev 0; 12/14
logo
Analog Devices
ADR3625 AD-ADR3625 Datasheet
3Mb / 21P
Precision, Micropower, High Current Output Voltage Reference
Rev. 0
ADR3625 AD-ADR3625_V01 Datasheet
3Mb / 26P
Precision, Micropower, High Current Output Voltage References
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com