Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9777 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9777
Description  High precision output voltage
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9777 Datasheet HTML 16Page - STMicroelectronics L9777 Datasheet HTML 17Page - STMicroelectronics L9777 Datasheet HTML 18Page - STMicroelectronics L9777 Datasheet HTML 19Page - STMicroelectronics L9777 Datasheet HTML 20Page - STMicroelectronics L9777 Datasheet HTML 21Page - STMicroelectronics L9777 Datasheet HTML 22Page - STMicroelectronics L9777 Datasheet HTML 23Page - STMicroelectronics L9777 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Electrical and thermal characteristics
L9777
20/25
DocID13496 Rev 4
NMI
VCCUN
VCC under voltage
threshold
RADJ = 0 V
4.5V
0.94
VCC
0.96
VCC
-
RADJ
VRADJTH
Threshold for VCC under
voltage detection
-
1.15
1.20
1.25
V
RADJ
VRJMUXTH
Threshold for RADJ
multiplexer comparator
-
0.52
0.62
0.72
V
D
VDU
NMI timing high
threshold
-
1.14
1.24
1.34
V
D
VDRL
NMI timing low threshold -
0.52
0.62
0.72
V
DIRC
Charge current
VI = 13.5 V
VD = 0.1 V
10
20
40
μA
DIRD
Discharge current
VI = 13.5 V
VD = 2.5 V
10
20
40
μA
NMI
TRR1
NMI spike dependent
filter time in case of
internal reset threshold
VCC > 2 V
RADJ = 0 V
1-
-
μA
NMI
TRRADJ
NMI fixed filter time in
case of external reset
threshold
External resistor
divider on RADJ
(see Figure 11). VCC > 2 V
1
2.5
5
μs
NMI
TRD
NMI power up delay
VI =13.5 V, CD=10 nF
45
80
115
ms
NMI
INMIL
NMI limitation current
-
5
-
25
mA
RESET (option A & B)
RESET
VRESL
Reset output low voltage Rext = 5 kΩ to VCC, VCC > 1 V
-
-
0.4
V
RESET
IRESETLK
RESET output leakage
current
--
-
1
μA
RESET
IRESL
RESET limitation current -
5
25
mA
RESET
TRESDF
RESET delay from NMI
falling edge
CTIMING = 2.2 nF
350
550
750
μs
RESET
TRESDR
RESET delay from NMI
rising edge
--
-
1
μs
RESET
RRESET
Pull up internal
resistance
-12
25
50
VDD_LOW (option C)
VDD_LOW VVDD_LOWL Reset output low voltage Rext = 5 kΩ to VCC, VCC > 1 V
-
-
0.4
V
VDD_LOW IVDD_LOWLK
RESET output leakage
current
--
-
1
μA
VDD_LOW IVDD_LOWL RESET limitation current -
5
-
25
mA
VDD_LOW RVDD_LOW
Pull up internal
resistance
-12
25
50
Table 4. Electrical and thermal characteristics (continued)
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit


Similar Part No. - L9777

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L9777-02 HAMAMATSU-L9777-02_15 Datasheet
256Kb / 2P
CW laser diodes
logo
STMicroelectronics
L9777A STMICROELECTRONICS-L9777A Datasheet
481Kb / 25P
Low power voltage regulator
L9777B STMICROELECTRONICS-L9777B Datasheet
481Kb / 25P
Low power voltage regulator
L9777B13TR STMICROELECTRONICS-L9777B13TR Datasheet
481Kb / 25P
Low power voltage regulator
L9777C STMICROELECTRONICS-L9777C Datasheet
481Kb / 25P
Low power voltage regulator
More results

Similar Description - L9777

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
logo
Panasonic Semiconductor
AN8150FB PANASONIC-AN8150FB Datasheet
1Mb / 19P
Octal, high precision 13-bit voltage output DAC
logo
Texas Instruments
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
logo
Linear Integrated Syste...
LT6658BHMSE-2.5 LINEAR-LT6658BHMSE-2.5 Datasheet
2Mb / 30P
Precision Dual Output, High Current, Low Noise, Voltage Reference
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Maxim Integrated Produc...
MAX6072 MAXIM-MAX6072 Datasheet
1Mb / 21P
High-Precision, Dual-Output Series Voltage Reference
19-7483; Rev 0; 12/14
logo
Analog Devices
ADR3625 AD-ADR3625 Datasheet
3Mb / 21P
Precision, Micropower, High Current Output Voltage Reference
Rev. 0
ADR3625 AD-ADR3625_V01 Datasheet
3Mb / 26P
Precision, Micropower, High Current Output Voltage References
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com