Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL54x Datasheet(PDF) 101 Page - STMicroelectronics

Part # SPC56EL54x
Description  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL54x Datasheet(HTML) 101 Page - STMicroelectronics

Back Button SPC56EL54x Datasheet HTML 97Page - STMicroelectronics SPC56EL54x Datasheet HTML 98Page - STMicroelectronics SPC56EL54x Datasheet HTML 99Page - STMicroelectronics SPC56EL54x Datasheet HTML 100Page - STMicroelectronics SPC56EL54x Datasheet HTML 101Page - STMicroelectronics SPC56EL54x Datasheet HTML 102Page - STMicroelectronics SPC56EL54x Datasheet HTML 103Page - STMicroelectronics SPC56EL54x Datasheet HTML 104Page - STMicroelectronics SPC56EL54x Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 165 page
background image
DocID15457 Rev 12
101/165
SPC56ELx, SPC564Lx
Electrical characteristics
164
CPMU1
SR
External decoupling /
stability capacitor
Accuracy -50%/+35%.
10
µF
CPMU2
SR
External decoupling /
stability capacitor
Accuracy -50%/+35%.
100
nF
CREG
SR
External decoupling /
stability capacitor
Accuracy -50%/+35%.
20
µF
CIO1
SR
External decoupling /
stability capacitor
Accuracy -50%/+35%.
100
nF
CIO2
SR
External decoupling /
stability capacitor
Accuracy -50%/+35%.
470
pF
CFLA1
SR
External decoupling /
stability capacitor
Accuracy -50%/+35%.
100
nF
CFLA2
SR
External decoupling /
stability capacitor
Accuracy -50%/+35%.
10
nF
COSC1
SR
External decoupling /
stability capacitor
Accuracy -50%/+35%.
100
nF
COSC2
SR
External decoupling /
stability capacitor
Accuracy -50%/+35%.
10
nF
CPLL1
SR
External decoupling /
stability capacitor
22
100
nF
CADR1
SR
External decoupling /
stability capacitor
Accuracy -50%/+35%.
Ceramic capacitor.
10
nF
CADR2
SR
External decoupling /
stability capacitor
Accuracy -50%/+35%.
Ceramic capacitor.
47
nF
CADR3
SR
External decoupling /
stability capacitor
Accuracy -50%/+35%.
Electrolytic or tantalum capacitor.
1µF
CADV1
SR
External decoupling /
stability capacitor
Accuracy -50%/+35%.
Ceramic capacitor.
10
nF
CADV2
SR
External decoupling /
stability capacitor
Accuracy -50%/+35%.
Ceramic capacitor.
47
nF
CADV3
SR
External decoupling /
stability capacitor
Accuracy -50%/+35%.
Electrolytic or tantalum capacitor.
1µF
1. Capacitors shall be placed as close as possible to the respective pads.
2. Total ESR considering all decoupling capacitor close to the VDD/VSS_LV_CORy pairs shall be between 1 mΩ and 100 mΩ.
Table 11. Decoupling capacitors (continued)
Symbol
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com