Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564L54x Datasheet(PDF) 159 Page - STMicroelectronics

Part # SPC564L54x
Description  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L54x Datasheet(HTML) 159 Page - STMicroelectronics

Back Button SPC564L54x Datasheet HTML 155Page - STMicroelectronics SPC564L54x Datasheet HTML 156Page - STMicroelectronics SPC564L54x Datasheet HTML 157Page - STMicroelectronics SPC564L54x Datasheet HTML 158Page - STMicroelectronics SPC564L54x Datasheet HTML 159Page - STMicroelectronics SPC564L54x Datasheet HTML 160Page - STMicroelectronics SPC564L54x Datasheet HTML 161Page - STMicroelectronics SPC564L54x Datasheet HTML 162Page - STMicroelectronics SPC564L54x Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 165 page
background image
DocID15457 Rev 12
159/165
SPC56ELx, SPC564Lx
Revision history
164
14-Sep-2011
7
In the “Description” section, changed the first paragraph and its bullets to
paragraph form only.
In the “Voltage regulator electrical specifications“ table, changed the CV1V2 Min
value from “—“ to 300 nF, and changed the Max value from 300 nF to 900 nF.
In the “Supply current characteristics (cut2)“ table, corrected the “IDD_LV_TYP
+ IDD_LV_PLL“ values as follows:
– Changed the maximum value for “TJ = ambient“ from “279 mA+ 
2.10 mA*fCPU“ to “279 mA”.
– Changed the maximum value for “TJ = 150 C” from “318 mA+ 
2.30 mA*fCPU” to 318 mA.
– Changed the frequency multiplier “fCPU” in the max value to read
“fCPU[MHz]” for “IDD_LV_FULL + IDD_LV_PLL” and “IDD_LV_TYP + IDD_LV_PLL”.
In the “JTAG pin AC electrical characteristics” table:
– Changed tJCYC min from 100ns to 62.5ns.
– Changed tJDC units from “ns” to “%”.
In the “Nexus debug port timing” table:
– Changed tTCYC min from 40ns to 62.5 ns.
– Changed tJOV parameter description from “TCK Low to TDO Data Valid” to
“TCK Low to TDO/RDY Data Valid“.
Changed “DDR” to “Double Data Rate (DDR)” in the “Nexus DDR Mode output
timing” figure.
Changed “TDO” to “TDO/RDY” in the “Nexus TDI, TMS, TDO timing” figure.
Removed “fmax” from the “DSPI timing” table.
Deleted “Order code” table.
Table 45. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com