Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564L54x Datasheet(PDF) 106 Page - STMicroelectronics

Part # SPC564L54x
Description  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L54x Datasheet(HTML) 106 Page - STMicroelectronics

Back Button SPC564L54x Datasheet HTML 102Page - STMicroelectronics SPC564L54x Datasheet HTML 103Page - STMicroelectronics SPC564L54x Datasheet HTML 104Page - STMicroelectronics SPC564L54x Datasheet HTML 105Page - STMicroelectronics SPC564L54x Datasheet HTML 106Page - STMicroelectronics SPC564L54x Datasheet HTML 107Page - STMicroelectronics SPC564L54x Datasheet HTML 108Page - STMicroelectronics SPC564L54x Datasheet HTML 109Page - STMicroelectronics SPC564L54x Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 165 page
background image
Electrical characteristics
SPC56ELx, SPC564Lx
106/165
DocID15457 Rev 12
3.6
Electromagnetic Interference (EMI) characteristics
The characteristics in Table 16 were measured using:
Device configuration, test conditions, and EM testing per standard IEC61967-2
Supply voltage of 3.3 V DC
Ambient temperature of 25
C
The configuration information referenced in Table 16 is explained in Table 15.
EMC testing was performed and documented according to these standards: [IEC61508-2-
7.4.5.1.b, IEC61508-2-7.2.3.2.e, IEC61508-2-Table-A.17 (partially), IEC61508-2-Table-
B.5(partially),SRS2110]
Table 15. EMI configuration summary
Configuration name
Description
Configuration A
– High emission = all pads have max slew rate, LVDS pads running at 40 MHz
– Oscillator frequency = 40 MHz
– System bus frequency = 80 MHz
– No PLL frequency modulation
– IEC level I (
 36 dBµV)
Configuration B
– Reference emission = pads use min, mid and max slew rates, LVDS pads disabled
– Oscillator frequency = 40 MHz
– System bus frequency = 80 MHz
– 2% PLL frequency modulation
– IEC level K(
 30 dBµV)
Table 16. EMI emission testing specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VEME
CC Radiated emissions
Configuration A; frequency range
150 kHz–50 MHz
—16—
dBµV
Configuration A; frequency range 50–
150 MHz
—16—
Configuration A; frequency range 150–
500 MHz
—32—
Configuration A; frequency range 500–
1000 MHz
—25—
Configuration B; frequency range 50–
150 MHz
—15—
Configuration B; frequency range 50–
150 MHz
—21—
Configuration B; frequency range 150–
500 MHz
—30—
Configuration B; frequency range 500–
1000 MHz
—24—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com