Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564L54x Datasheet(PDF) 112 Page - STMicroelectronics

Part # SPC564L54x
Description  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L54x Datasheet(HTML) 112 Page - STMicroelectronics

Back Button SPC564L54x Datasheet HTML 108Page - STMicroelectronics SPC564L54x Datasheet HTML 109Page - STMicroelectronics SPC564L54x Datasheet HTML 110Page - STMicroelectronics SPC564L54x Datasheet HTML 111Page - STMicroelectronics SPC564L54x Datasheet HTML 112Page - STMicroelectronics SPC564L54x Datasheet HTML 113Page - STMicroelectronics SPC564L54x Datasheet HTML 114Page - STMicroelectronics SPC564L54x Datasheet HTML 115Page - STMicroelectronics SPC564L54x Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 165 page
background image
Electrical characteristics
SPC56ELx, SPC564Lx
112/165
DocID15457 Rev 12
VOL_S
P
Slow, low level output
voltage
IOL = 1.5 mA
—
—
0.5
V
VOH_S
P
Slow, high level output
voltage
IOH = -1.5 mA VDD_HV_IOx - 0.8
—
—
V
VOL_M
P
Medium, low level output
voltage
IOL = 2 mA
—
—
0.5
V
VOH_M
P
Medium, high level output
voltage
IOH = -2 mA VDD_HV_IOx - 0.8
—
—
V
VOL_F
P
Fast, high level output
voltage
IOL = 11 mA
—
—
0.5
V
VOH_F
P
Fast, high level output
voltage
IOH = -11 mA VDD_HV_IOx - 0.8
—
—
V
VOL_SYM P
Symmetric, high level
output voltage
IOL = 1.5 mA
—
—
0.5
V
VOH_SYM P
Symmetric, high level
output voltage
IOH = -1.5 mA VDD_HV_IOx - 0.8
—
—
V
IINJ
T
DC injection current per
pin
(all bi-directional ports)
—–1
—
1
mA
IPU
P Equivalent pull-up current
VIN = VIL
–130
—
—
µA
VIN = VIH
—
—
–10
IPD
P
Equivalent pull-down
current
VIN = VIL
10
—
—
µA
VIN = VIH
—
—
130
IIL
P
Input leakage current
(all bidirectional ports)
TJ = -40 to
+150 °C
-1
—
1
A
Input leakage current
(all ADC input-only
ports)(4)
-0.25
—
0.25
Input leakage current
(shared ADC input-only
ports)
-0.3
—
0.3
VILR
P
RESET, low level input
voltage
—–0.1(2)
—0.35 VDD_HV_IOx
V
VIHR
P
RESET, high level input
voltage
—
0.65 VDD_HV_IOx
—VDD_HV_IOx+0.1(2)
V
VHYSR
D
RESET, Schmitt trigger
hysteresis
—0.1 VDD_HV_IOx
——
V
VOLR
D
RESET, low level output
voltage
IOL = 2 mA
—
—
0.5
V
IPD
D
RESET, equivalent pull-
down current
VIN = VIL
10
—
—
µA
VIN = VIH
—
—
130
1. These specifications are design targets and subject to change per device characterization.
Table 21. DC electrical characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com