Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P50L3 Datasheet(PDF) 109 Page - STMicroelectronics

Part # SPC560P50L3
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P50L3 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button SPC560P50L3 Datasheet HTML 104Page - STMicroelectronics SPC560P50L3 Datasheet HTML 105Page - STMicroelectronics SPC560P50L3 Datasheet HTML 106Page - STMicroelectronics SPC560P50L3 Datasheet HTML 107Page - STMicroelectronics SPC560P50L3 Datasheet HTML 108Page - STMicroelectronics SPC560P50L3 Datasheet HTML 109Page - STMicroelectronics SPC560P50L3 Datasheet HTML 110Page - STMicroelectronics SPC560P50L3 Datasheet HTML 111Page - STMicroelectronics SPC560P50L3 Datasheet HTML 112Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 109 / 112 page
background image
SPC560P44Lx, SPC560P50Lx
Revision history
Doc ID 14723 Rev 9
109/112
27-Oct-2009
5
- Added “Full Feature“ and “Airbag“ customization.
- Removed B[4] and B[5] rows from “Pin muxing” table and inserted them on “System pins”
table.
- Updated package pinout.
- Rewrote entirely section “Power Up/dpwn Sequencing“ section.
- Renamend “VDD_LV_PLL“ and “VSS_LV_PLL“ supply pins with respectively “VDD_LV_COR3“
and “VSS_LV_COR3”.
- Added explicative figures on “Electrical characteristics” section.
- Updated “Thermal characteristics“ for 100-pin.
- Proposed two different configuration of “voltage regulator. - Inserted Power Up/Down
sequence.
- Added explicative figures on “DC Electrical characteristics”.
- Added “I/O pad current specification” section.
- Renamed the “Airbag mode” with “Typical mode“and updated the values on “supply
current” tables.
- Added more order code.
06-Apr-2010
6
Inserted label of Y-axis in the “Independent ADC supply“ figure.
“Recommended Operating Conditions” tables:
Moved the TJ row to “Absolute Maximum Ratings“ table.
Rewrite note 1 and 3
Inverted Min a Typ value of CDEC2 on ”Voltage Regulator Electrical Characteristics” table.
Removed an useless duplicate of “Voltage Regulator Electrical Characteristics“ table.
Inserted the name of CS into “Input Equivalent Circuit“ figure.
Removed leakage Ivpp from datasheet.
Updated “Supply Current” tables.
Added note on “Output pin transition times“ table.
Updated ”Temperature Sensor Electrical Characteristics” table.
Updated “16 MHz RC Oscillator Electrical Characteristics” table.
Removed the note about the condition from “Flash read access timing“ table.
Removed the notes that assert the values need to be confirmed before validation.
07-Apr-2011
7
Formatting and editorial changes throughout
Removed all content referencing Junction Temperature Sensor
Cover page Features:
– CPU core—specified 64 MHz frequency
– updated memory features
– eTimer units: changed “up/down capabilities” to “up/down count capabilities”
– ADC—changed “2 × 13 input channels” to “2 × 11 input channels, + 4 shared channels”
– replaced “On-chip CAN/UART/FlexRay bootstrap loader” with “On-chip CAN/UART
bootstrap loader”
Section 1: Introduction: changed title (was: Overview); reorganized contents
SPC560P44Lx, SPC560P50Lx device comparison:
– ADC feature: changed “16 channels” to “15-channel”; added footnote to to indicate that
four channels are shared between the two ADCs
– removed SPC560P40 column
– changed “dual channel” to “selectable single or dual channel support” in FlexRay
footnote
– updated “eTimer” feature
– updated footnote relative to “Digital power supply” feature
Table 46.
Revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com